Electronic Components Datasheet Search
  English  ▼

X  

ACE525 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE525
Description  300mA High PSRR, Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE525 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE525 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE525
300mA High PSRR, Linear Regulator
VER 1.3
3
Block Diagram
Explanation:
ACE525 series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE525 can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be
customized on command.
ACE525 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE525 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within ±2%.
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
2
6
V
Ambient Temperature
-40
85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com