Electronic Components Datasheet Search
  English  ▼

X  

ACE525 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE525
Description  300mA High PSRR, Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE525 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE525 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE525 Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE525
300mA High PSRR, Linear Regulator
VER 1.3
9
Packing Information
DFN1*1-4
4L STSLP
(1*1mm)
PIN #1
DENTIFICATION CHAMFER R0.075mm
PIN 1# DOT BY MARKING
TOP VIEW
BOTTOM VIEW
Note. A DIMENSION AS BELOW TABLE
Max
Nom
Min
A
0.6
0.55
0.5
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com