Electronic Components Datasheet Search
  English  ▼

X  

ACE2596 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2596
Description  150KHz 3A Buck DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2596 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2596_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE2596
150KHz 3A Buck DC-DC Converter
VER 1.3
2
Packaging Type
TO-263-5 (WM)
5.ON/OFF
4.FB
3.GND
2.Vout
1.Vin
Ordering information
ACE2596 XX XXX + H
Functional Block Diagram
WM :TO-263-5
Output Voltage:
3.3V/5.0V/12V/ADJ
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com