Electronic Components Datasheet Search
  English  ▼

X  

ACE2596 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2596
Description  150KHz 3A Buck DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2596 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2596_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE2596
150KHz 3A Buck DC-DC Converter
VER 1.3
1
Description
The ACE2596 series of regulators are fixed frequency PWM buck (step-down) DC/DC converter,
capable of driving a 3A load with excellent line and load regulation. These regulators include internal
frequency compensation and a fixed frequency oscillator so that they are easy to use. A system adopting
ACE2596 requires a minimum number of external components to work.
A standard series of inductors, optimized for use with the ACE2596 series, are available from several
manufacturers. This feature greatly simplifies the design of switch-mode power supplies.
These ICs are available in TO-263-5 packages.
Features
3.3V, 5V, 12V Fixed(±4% Tolerance) and Adjustable (±3% Tolerance) Output Versions
Guaranteed 3A Output Load Current
150kHz Fixed Frequency Internal Oscillator
Input Voltage Range up to 32V
Requires only 4 external components
High Efficiency up to 90%
Excellent Line and Load Regulation
TTL Shutdown Capability
Low Power Standby Mode, I
Q Typically 80μA
Built-in Current Limit Protection and Thermal Shutdown Circuit
Application
LCD Monitor and LCD TV
On-Card DC-DC Converter
DVD Recorder
PDP
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
40
V
ON/OFF Pin Voltage
VON/OFF
40
V
Feedback Pin Voltage
VFB
40
V
Operating Junction Temperature
TJ
150
OC
Thermal Resistance (Junction to Ambient, No Heatsink) TO-263-5
RθJA
60
OC/W
Lead Temperature (Soldering, 10sec)
TLEAD
260
OC
Storage Temperature Range
TSTG
-65 to150
OC
Note : Stresses greater than those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device ate these or any other conditions beyond those indicated under
“Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect
device reliability.


Similar Part No. - ACE2596_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE259612WM+H ACE-ACE259612WM+H Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
ACE259633WM+H ACE-ACE259633WM+H Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
ACE259650WM+H ACE-ACE259650WM+H Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
ACE2596ADJWM+H ACE-ACE2596ADJWM+H Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
More results

Similar Description - ACE2596_12

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com