Electronic Components Datasheet Search
  English  ▼

X  

ACT4523 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4523
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4523 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4523 Datasheet HTML 7Page - Active-Semi, Inc ACT4523 Datasheet HTML 8Page - Active-Semi, Inc ACT4523 Datasheet HTML 9Page - Active-Semi, Inc ACT4523 Datasheet HTML 10Page - Active-Semi, Inc ACT4523 Datasheet HTML 11Page - Active-Semi, Inc ACT4523 Datasheet HTML 12Page - Active-Semi, Inc ACT4523 Datasheet HTML 13Page - Active-Semi, Inc ACT4523 Datasheet HTML 14Page - Active-Semi, Inc ACT4523 Datasheet HTML 15Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACT4523
Rev 5, 14-Nov-12
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(L = 33µH, CIN = 10µF, COUT = 47µF, Ta = 25°C, RCOMP = 8.2k, CCOMP1 = 2.2nF, CCOMP2 = NC)
Load Current (mA)
200
600
1000
1400
1800
2200
100
85
80
75
70
65
60
95
90
Efficiency vs. Load current
2700
2500
2400
2300
2200
2100
2000
2600
Temperature (°C)
25
45
65
85
105
125
145
CC Current vs. Temperature
CC Current vs. Input Voltage
2600
2400
2200
2000
1800
1600
Input Voltage (V)
10
14
18
22
26
38
30
34
Maximum Peak Current vs. Duty Cycle
4.2
3.6
3.45
3.3
3.15
3
4.05
3.9
3.75
Duty Cycle
20
30
40
50
60
70
VIN = 12V
VIN = 24V
Input Voltage (V)
10
15
20
25
30
40
35
Switching Frequency vs. Input Voltage
250
230
210
190
170
150
130
110
Switching Frequency vs. Feedback Voltage
260
210
160
110
60
10
Feedback Voltage (mV)
0
100
200
300
400
500
600
700
800
900
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com