Electronic Components Datasheet Search
  English  ▼

X  

ACT4523 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4523
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4523 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4523 Datasheet HTML 7Page - Active-Semi, Inc ACT4523 Datasheet HTML 8Page - Active-Semi, Inc ACT4523 Datasheet HTML 9Page - Active-Semi, Inc ACT4523 Datasheet HTML 10Page - Active-Semi, Inc ACT4523 Datasheet HTML 11Page - Active-Semi, Inc ACT4523 Datasheet HTML 12Page - Active-Semi, Inc ACT4523 Datasheet HTML 13Page - Active-Semi, Inc ACT4523 Datasheet HTML 14Page - Active-Semi, Inc ACT4523 Datasheet HTML 15Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ACT4523
Rev 5, 14-Nov-12
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
Start up into CC mode
SW vs. Output Voltage Ripples
Start up into CC mode
VOUT = 5V
RLORD = 1.5Ω
IISET = 2A
VIN = 12V
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 200µs/div
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 200µs/div
VIN = 12V
VOUT = 5V
IOUT = 2.1A
CH1
CH2
CH1: VOUT Ripple, 20mV/div
CH2: SW, 5V/div
TIME: 2µs/div
VOUT = 5V
RLORD = 1.5Ω
IISET = 2A
VIN = 24V
CH1
CH2
CH1
CH2
Shutdown Current vs. Input Voltage
160
145
130
115
100
85
70
175
Input Voltage (V)
10
15
20
25
30
35
40
Standby Current vs. Input Voltage
3
2.5
2
1.5
1
0.5
0
Input Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
Reverse Leakage Current (VIN Floating)
160
120
80
40
0
VOUT (V)
0
1
2
3
4
5
(L = 33µH, CIN = 10µF, COUT = 47µF, Ta = 25°C, RCOMP = 8.2k, CCOMP1 = 2.2nF, CCOMP2 = NC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com