Electronic Components Datasheet Search
  English  ▼

X  

A4401 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # A4401
Description  This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4401 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A4401 Datasheet HTML 9Page - Allegro MicroSystems A4401 Datasheet HTML 10Page - Allegro MicroSystems A4401 Datasheet HTML 11Page - Allegro MicroSystems A4401 Datasheet HTML 12Page - Allegro MicroSystems A4401 Datasheet HTML 13Page - Allegro MicroSystems A4401 Datasheet HTML 14Page - Allegro MicroSystems A4401 Datasheet HTML 15Page - Allegro MicroSystems A4401 Datasheet HTML 16Page - Allegro MicroSystems A4401 Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Automotive Quasi-Resonant Flyback Control IC
A4401
14
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
It can be seen that at MOSFET turn-on there is a
considerable sinusoidal ringing on the voltage sense,
in the region of 3 MHz. In addition, there is a con-
siderable ringing during the MOSFET turn-off, in the
region of 6 MHz. These ringing effects are caused by
the primary-to-secondary leakage inductance interact-
ing with parasitic capacitance. These noise sources
will probably have an impact on the conducted emis-
sions and should therefore be suppressed.
By rescaling the magnetics so that 0 V switching is
achieved with VBAT = 13.5 V, the turn-on ringing is
almost completely damped, as shown in Figure 6.
Because the resonant capacitor, C11, had discharged
to 0 V before switching, there was effectively little
energy left.
The turn-off noise is also improved dramatically as
well. It can be seen that the ringing amplitude is lower,
dampens more quickly, and the ringing frequency
is higher making it easier to snub (see the Radiated
Emissions on the LX Node subsection). The reason for
this effect is that a lower step-up ratio is required to
achieve the output voltage. This improves the mag-
netic coupling coefficient and therefore the leakage
inductance is reduced.
Running the system with a lower turns ratio means
that the duty cycle is greater. The advantage of this
is that the peak current is lower, resulting in lower
turn-off switching losses and reduced harmonics of the
input current, thus reducing the conducted emissions.
Radiated Emissions on LX Node
A potential source
of radiated emissions is turning off the MOSFET. A
resonance is set up between the leakage inductance
of the magnetics and the parasitic capacitance on the
LX node. Assuming the magnetics are well designed
in terms of reducing leakage inductance, this reso-
nance should occur in the region of tens of megahertz.
Another potential source of radiated emissions is
turning off the output rectifying diodes. The following
procedure can be applied to address both issues.
Figure 5. Voltages with 0 V switching of Q1 at VBAT of 7 V
VLX
VRSENSE
MOSFET
Turn-On
MOSFET
Turn-Off
Figure 6. Voltages with 0 V switching of Q1 at VBAT of 13.5 V
VLX
VRSENSE
MOSFET
Turn-On
MOSFET
Turn-Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com