Electronic Components Datasheet Search
  English  ▼

X  

A4401 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4401
Description  This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4401 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4401 Datasheet HTML 1Page - Allegro MicroSystems A4401 Datasheet HTML 2Page - Allegro MicroSystems A4401 Datasheet HTML 3Page - Allegro MicroSystems A4401 Datasheet HTML 4Page - Allegro MicroSystems A4401 Datasheet HTML 5Page - Allegro MicroSystems A4401 Datasheet HTML 6Page - Allegro MicroSystems A4401 Datasheet HTML 7Page - Allegro MicroSystems A4401 Datasheet HTML 8Page - Allegro MicroSystems A4401 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Automotive Quasi-Resonant Flyback Control IC
A4401
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Packing
A4401KLTR-T
Tape and reel, 3000 pieces/reel
Absolute Maximum Ratings*
Characteristic
Symbol
Notes
Rating
Units
VIN Pin Voltage
VIN
–0.3 to 40
V
LX Pin Voltage
VLX
–0.6 to 60
V
ISS Pin Voltage
VISS
–1 to 1
V
EN Pin Voltage
VEN
–0.3 to 40
V
VA Pin Voltage
VVA
–0.3 to 5
V
ESD Rating – Human Body Model
AEC-Q100-002; all pins
2000
V
ESD Rating – Charged Device Model
AEC-Q100-011; all pins; inside
500
V
AEC-Q100-011; all pins; corner
750
V
Operating Ambient Temperature
TA
Range K
–40 to 125
ºC
Junction Temperature
TJ
–40 to 150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
* With respect to ground
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
4-layer PCB based on JEDEC standard
80
ºC/W
*Additional thermal information available on Allegro website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com