Electronic Components Datasheet Search
  English  ▼

X  

A5366 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A5366
Description  The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A5366 Datasheet HTML 5Page - Allegro MicroSystems A5366 Datasheet HTML 6Page - Allegro MicroSystems A5366 Datasheet HTML 7Page - Allegro MicroSystems A5366 Datasheet HTML 8Page - Allegro MicroSystems A5366 Datasheet HTML 9Page - Allegro MicroSystems A5366 Datasheet HTML 10Page - Allegro MicroSystems A5366 Datasheet HTML 11Page - Allegro MicroSystems A5366 Datasheet HTML 12Page - Allegro MicroSystems A5366 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Photoelectric Smoke Detector
with Interconnect and Timer
A5366
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package A, 16-Pin DIP
Package LW, 16-Pin SOIC
C
SEATING
PLANE
2
1
16
1.27 BSC
GAUGE PLANE
SEATING PLANE
A Terminal #1 mark area
B
Reference land pattern layout (reference IPC7351
SOIC127P1030X265-16M); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances
PCB Layout Reference View
C
C
2
1
16
Branding scale and appearance at supplier discretion
C
SEATING
PLANE
0.65
1.27
9.50
2.25
C
0.10
16X
0.25 BSC
1.40 REF
2.65 MAX
For Reference Only; not for tooling use (reference MS-013AA)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
10.30 ±0.20
7.50 ±0.10
10.30 ±0.33
0.51
0.31
0.30
0.10
0.33
0.20
1.27
0.40
8°
0°
A
Branded Face
10.92 MAX
0.38 MIN
5.33 MAX
+0.51
–0.38
0.13 MIN
C
SEATING
PLANE
16X
0.25 M C
2.54 BSC
7.62 BSC
A
A
Terminal #1 mark area
+0.25
–0.38
1.52
3.30
+1.65
–0.38
3.30
+0.76
–0.25
6.35
0.46±0.10
+0.64
–0.38
19.05
+0.10
–0.05
0.25
For Reference Only; not for tooling use (reference MS-001BB)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
2
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com