Electronic Components Datasheet Search
  English  ▼

X  

A5366 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A5366
Description  The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A5366 Datasheet HTML 1Page - Allegro MicroSystems A5366 Datasheet HTML 2Page - Allegro MicroSystems A5366 Datasheet HTML 3Page - Allegro MicroSystems A5366 Datasheet HTML 4Page - Allegro MicroSystems A5366 Datasheet HTML 5Page - Allegro MicroSystems A5366 Datasheet HTML 6Page - Allegro MicroSystems A5366 Datasheet HTML 7Page - Allegro MicroSystems A5366 Datasheet HTML 8Page - Allegro MicroSystems A5366 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Photoelectric Smoke Detector
with Interconnect and Timer
A5366
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Pb-free
Package
Packing
A5366CA
–
16-pin DIP through hole
25 pieces / tube
A5366CA-T
Yes
16-pin DIP through hole
25 pieces / tube
A5366CLWTR-T
Yes
16-pin SOICW surface mount
1000 pieces / reel
Absolute Maximum Ratings*
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage Range
VDD
Referenced to VSS
–0.5 to 15
V
Input Voltage Range
VIN
Referenced to VSS
–0.3 to VDD+0.3
V
Input Current
IIN
10
mA
Operating Ambient Temperature Range
TA
–25 to 75
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature Range
Tstg
–55 to 125
ºC
*CAUTION: BiCMOS devices have input static protection but are susceptible to damage if exposed to extremely high static electrical
charges.
Terminal List Table
Number
Name
Function
1
C1
Sets photoamplifier gain in supervisory mode
2
C2
Sets photoamplifier gain in standby mode
3
DETECT
Photoamplifier input
4
STROBE
Strobed supply (VDD – 5 V) for photoamplifier low-side
reference
5
VDD
Positive supply voltage
6
IRED
Output to smoke chamber IR LED driver
7
I/O
Input-output to interconnected detectors
8
HORN1
Output for driving piezoelectric horn
9
HORN2
Complementary output for driving piezoelectric horn
10
FEEDBACK
Input for driving piezoelectric horn
11
LED
Output to drive visible LED
12
OSC CAP
Connection for capacitor to set clock frequency
13
TIMING RES
Connection for resistor to set clock frequency
14
VSS
Negative supply voltage
15
HUSH
Input for photoamplifier timer mode reference; can also
disable timer mode
16
TEST
Enables push-to-test mode and diagnostic test/calibration
mode; starts timer mode, if enabled
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TEST
HUSH
VSS
TIMING RES
OSC CAP
LED
FEEDBACK
HORN2
C1
C2
DETECT
STROBE
VDD
IRED
I/O
HORN1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TEST
HUSH
VSS
TIMING RES
OSC CAP
LED
FEEDBACK
HORN2
C1
C2
DETECT
STROBE
VDD
IRED
I/O
HORN1
Package A
Package LW
Pin-out Diagrams
Thermal Characteristics
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
Package A, on 4-layer PCB based on JEDEC standard
38
ºC/W
Package LW, on 4-layer PCB based on JEDEC standard
48
ºC/W
*Additional thermal information available on Allegro website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com