Electronic Components Datasheet Search
  English  ▼

X  

ACA0861CS7CTR Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ACA0861CS7CTR
Description  750/860 MHz CATV Line Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861CS7CTR Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ACA0861CS7CTR Datasheet HTML 8Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 9Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 10Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 11Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 12Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 13Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 14Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 15Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 16Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet - Rev 2.3
09/2008
ACA0861 - A, B, C, D
13
ACA0861C and ACA0861D Cascade Typical Data (see figure 42)
Figure 36: CTB (110 Channel Loading, 10 dB Tilt)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
100
200
300
400
500
600
700
800
Frequency (MHz)
56
54
52
50
48
46
44
Output
Power
(dBmV)
Figure 37: CTB (128 Channel Loading, 12 dB Tilt)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
200
400
600
800
1000
Frequency (MHz)
54
52
50
48
46
44
Output
Power
(dBmV)
Figure 38: CSO (110 Channel Loading, 10 dB Tilt)
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
700
800
Frequency (MHz)
56
54
52
50
48
46
44
Output
Power
(dBmV)
Figure 39: CSO (128 Channel Loading, 12 dB Tilt)
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
200
400
600
800
1000
Frequency (MHz)
54
52
50
48
46
44
Output
Power
(dBmV)
Figure 40: XMOD (110 Channel Loading, 10 dB Tilt)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
100
200
300
400
500
600
700
800
Frequency (MHz)
54
52
50
48
46
44
Output
Power
(dBmV)
Figure 41: XMOD (128 Channel Loading, 12 dB Tilt)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
200
400
600
800
1000
Frequency (MHz)
54
52
50
48
46
44
Output
Power
(dBmV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com