Electronic Components Datasheet Search
  English  ▼

X  

ACA0861CS7CTR Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA0861CS7CTR
Description  750/860 MHz CATV Line Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861CS7CTR Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA0861CS7CTR Datasheet HTML 1Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 2Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 3Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 4Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 5Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 6Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 7Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 8Page - ANADIGICS, Inc ACA0861CS7CTR Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Data Sheet - Rev 2.3
09/2008
ACA0861 - A, B, C, D
figure 2: Pin Out
Table 1: Pin Description
Input Stages
The ACA0861A and the ACA0861C are designed
as input stages and are specified at +34 dBmV flat
output. These parts can be used alone for low gain,
low output level applications or can be cascaded with
one of the ACA0861 output stages for higher gain
and output signal drive level. The ACA0861A is a low
power dissipation part designed to drive theACA0861B
output stage. The ACA0861C is a slightly higher power
dissipation part and provides the needed distortion
parameters to drive the ACA0861D output stage.
Output Stages
The ACA0861B and ACA0861D are designed as
output stages and are specified at +44 dBmV flat
output. These parts can be used alone for low gain,
high output level applications or can be cascaded with
one of the ACA0861 input stages for higher gain. The
ACA0861B is a low power dissipation part designed
as the output stage with an ACA0861A input stage.
The ACA0861D is a higher power dissipation part
designed as the output stage with an ACA0861C
input stage. Cascaded, an ACA0861A and ACA0861B
provide exceptional push-pull hybrid equivalent
performance; an ACA0861C and an ACA0861D
cascaded provide exceptional power doubling hybrid
equivalent performance.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
GND
IADJ
RFINA
GND
GND
GND
RFOUTA
VB
N/C
GND
RFINB
GND
GND
RFOUTB
VA
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
GND
Ground
9
GND
Ground
2
N/C
No Connection
10
VB
Supply for Amplifier B
3
RFINA
Input to Amplifier A
11
RFOUTB
Output from Amplifier B
4
GND
Ground
12
GND
Ground
5
GND
Ground
13
GND
Ground
6
RFINB
Input to Amplifier B
14
RFOUTA
Output from Amplifier A
7
IADJ
Current Adjust
15
VA
Supply for Amplifier A
8
GND
Ground
16
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com