Electronic Components Datasheet Search
  English  ▼

X  

ACA2407 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACA2407
Description  750/870/1000 MHz CATV Power Doubler Line Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2407 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACA2407 Datasheet HTML 1Page - ANADIGICS, Inc ACA2407 Datasheet HTML 2Page - ANADIGICS, Inc ACA2407 Datasheet HTML 3Page - ANADIGICS, Inc ACA2407 Datasheet HTML 4Page - ANADIGICS, Inc ACA2407 Datasheet HTML 5Page - ANADIGICS, Inc ACA2407 Datasheet HTML 6Page - ANADIGICS, Inc ACA2407 Datasheet HTML 7Page - ANADIGICS, Inc ACA2407 Datasheet HTML 8Page - ANADIGICS, Inc ACA2407 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
04/2011
ACA2407
750/870/1000 MHz CATV
Power Doubler Line Amplifier
Data Sheet - Rev 2.4
Figure 1: Hybrid Application Diagram
FEATURES
• 1 GHz Specified Performance
• 21.5 dB Gain
• Very Low Distortion
• Excellent 75 Ω Input and Output Match
• Stable with High VSWR Load Conditions
• Monolithic Design for Consistent Performance
Part-to-Part
• Low DC Power Consumption
• Surface Mount Package Compatible with
Automatic Assembly
• Low Cost Alternative to Hybrids
• Meets Cenelec Standards
• Materials set consistent with RoHS Directives.
APPLICATIONS
• CATV Line Amplifiers, System Amplifiers,
Distribution Nodes
PRODUCT DESCRIPTION
The ACA2407 is a highly linear, monolithic GaAs RF
amplifier that has been developed to replace, in new
designs, standard CATV hybrid amplifiers. Offered in a
convenient surface mount package, the MMIC consists
of two pairs of parallel amplifiers that are optimized
for exceptionally low distortion and noise figure. A
hybrid equivalent that provides flat gain response and
S7 Package
16 Pin Wide Body SOIC
with Heat Slug
excellent input and output return loss over the 40 to
1000 MHz CATV downstream band is formed when
one ACA2407 is cascaded between two appropriate
transmission line baluns.
RF Input
RF Output
2A
2B
1B
1A
ACA2407


Similar Part No. - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
Power Doubler Line Amplifier
Rev. 2.0
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2407E ANADIGICS-ACA2407E Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
More results

Similar Description - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
Rev 3
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
750/870 MHZ CATV LINE AMPLIFIER
Rev. 2.0
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
750/870 MHz CATV Push-Pull Line Amplifier
Rev 1.2
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2402 ANADIGICS-ACA2402_08 Datasheet
629Kb / 13P
750/870/1000 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
ACA2402 SKYWORKS-ACA2402 Datasheet
645Kb / 14P
750/870/1000 MHz CATV Push-Pull Line Amplifier
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
750/870/1000 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com