Electronic Components Datasheet Search
  English  ▼

X  

ACA2407 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA2407
Description  750/870/1000 MHz CATV Power Doubler Line Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2407 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA2407 Datasheet HTML 1Page - ANADIGICS, Inc ACA2407 Datasheet HTML 2Page - ANADIGICS, Inc ACA2407 Datasheet HTML 3Page - ANADIGICS, Inc ACA2407 Datasheet HTML 4Page - ANADIGICS, Inc ACA2407 Datasheet HTML 5Page - ANADIGICS, Inc ACA2407 Datasheet HTML 6Page - ANADIGICS, Inc ACA2407 Datasheet HTML 7Page - ANADIGICS, Inc ACA2407 Datasheet HTML 8Page - ANADIGICS, Inc ACA2407 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Data Sheet - Rev 2.4
04/2011
ACA2407
Figure 2: Pin Out
Table 1: Pin Description
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
GND
Ground
9
GND
Ground
2
2AIN
Amplifier 2A Input
10
1BOUT
Amplifier 1B Output
3
GND
Ground
11
Bias 1B
Bias for 1B Amplifier
4
1AIN
Amplifier 1A Input
12
2BOUT
Amplifier 2B Output
and Supply
5
1BIN
Amplifier 1B Input
13
2AOUT
Amplifier 2A Output
and Supply
6
1SET
Current Adjust
14
Bias 1A
Bias for 1A Amplifier
7
2BIN
Amplifier 2B Input
15
1AOUT
Amplifier 1A Output
8
GND
Ground
16
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com