Electronic Components Datasheet Search
  English  ▼

X  

MJ15021 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJ15021
Description  4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ15021 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ15021 Datasheet HTML 1Page - Motorola, Inc MJ15021 Datasheet HTML 2Page - Motorola, Inc MJ15021 Datasheet HTML 3Page - Motorola, Inc MJ15021 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Advance Information
Complementary Silicon Power
Transistors
. . . designed for use as high frequency drivers in Audio Amplifiers.
• High Gain Complementary Silicon Power Transistors
• Safe Operating Area 100% Tested
50 V, 3.0 A, 1.0 Sec.
• Excellent Frequency Response — fT = 20 MHz min.
MAXIMUM RATINGS
Rating
Symbol
MJ15018
MJ15019
MJ15020
MJ15021
Unit
Collector–Emitter Voltage
VCEO
200
250
Vdc
Collector–Base Voltage
VCBO
200
250
Vdc
Emitter–Base Voltage
VEBO
7.0
Vdc
Collector Current — Continuous
IC
4.0
Adc
Base Current — Continuous
IB
2.0
Adc
Emitter Current — Continuous
IE
6.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
150
0.86
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.17
_C/W
0
TC, CASE TEMPERATURE (°C)
0
25
75
80
40
100
125
175
200
60
20
SECOND BREAKDOWN
DERATING
THERMAL DERATING
50
100
150
Figure 1. Power Derating
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ15018/D
MJ15015, MJ15016
(See 2N3055A)
© Motorola, Inc. 1995
MJ15018
MJ15020
MJ15019
MJ15021
*Motorola Preferred Device
4.0 AMPERES
COMPLEMENTARY
SILICON
POWER TRANSISTORS
200 AND 250 VOLTS
150 WATTS
*
NPN
PNP
*
CASE 1–07
TO–204AA
(TO–3)


Similar Part No. - MJ15021

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15021 ONSEMI-MJ15021 Datasheet
152Kb / 4P
Complementary Silicon Power Transistors
August, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
MJ15021 ISC-MJ15021 Datasheet
289Kb / 2P
isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ15021 NJSEMI-MJ15021 Datasheet
134Kb / 2P
Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ15021G ONSEMI-MJ15021G Datasheet
152Kb / 4P
Complementary Silicon Power Transistors
August, 2006 ??Rev. 2
More results

Similar Description - MJ15021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com