Electronic Components Datasheet Search
  English  ▼

X  

ALT6705 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ALT6705
Description  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ALT6705 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705 Datasheet HTML 9Page - ANADIGICS, Inc ALT6705 Datasheet HTML 10Page - ANADIGICS, Inc ALT6705 Datasheet HTML 11Page - ANADIGICS, Inc ALT6705 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet - Rev 2.5
03/2012
ALT6705
Figure 5: LTE Gain (dB) over Voltage
(TC=258C)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Pout (dBm)
Figure5:LTEGain(dB)overVoltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.2Vcc
Figure 6: LTE PAE (%) over Temperature
(VBATT=VCC=3.4V)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Pout (dBm)
Figure 4: LTE Gain (dB) over Temperature
(Vbatt=VCC=3.4V)
-30C 3.4Vcc
25C 3.4Vcc
90C 3.4Vcc
Figure 4: LTE Gain (dB) over Temperature
(VBATT=VCC=3.4V)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
Pout (dBm)
Figure 6: LTE PAE (%) over Temperature
(Vbatt=VCC=3.4V)
-30 3.4cc
25C 3.4Vcc
90C 3.4Vcc
Figure 7: LTE PAE (%) over Voltage
(TC=258C)
0
10
20
30
40
50
60
0
5
10
15
20
25
30
Pout (dBm)
Figure 7: LTE PAE (%) over Voltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.2Vcc
Figure8:LTEACLR1(dBc)overTemperature
(VBATT=VCC=3.4V)
-70
-65
-60
-55
-50
-45
-40
-35
0
5
10
15
20
25
30
Pout (dBm)
Figure8:LTEACRL1(dBc)overTemperature
(Vbatt=VCC=3.4V)
-30C 3.4Vcc
25C 3.4Vcc
90C 3.4Vcc
Figure9:LTEACLR1(dBc)overVoltage
(TC=258C)
-65
-60
-55
-50
-45
-40
-35
0
5
10
15
20
25
30
Pout (dBm)
Figure9:LTEACLR1(dBc)overVoltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.2Vcc
Performance Data Plots:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com