Electronic Components Datasheet Search
  English  ▼

X  

ALT6705 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ALT6705
Description  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ALT6705 Datasheet HTML 1Page - ANADIGICS, Inc ALT6705 Datasheet HTML 2Page - ANADIGICS, Inc ALT6705 Datasheet HTML 3Page - ANADIGICS, Inc ALT6705 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
03/2012
ALT6705
ALT6705
HELP4TM UMTS800 (Bands 5, 6, 18, 19, & 26)
LTE, WCDMA, CDMA Multimode PAM
Data Sheet
- Rev 2.5
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• Multimode (LTE, HSPA, EV-DO Compliant)
• 4th Generation HELPTM technology
• HighEfficiency(R99waveform):
•40%@POUT = +28.4 dBm
•27%@POUT=+17dBm
•18%@POUT = +13.5 dBm
•20%@POUT = +8 dBm
•11%@POUT = +3.5 dBm
• LowQuiescentCurrent:3mA
• LowLeakageCurrentinShutdownMode:<5µA
• Internal Voltage Regulator
• Integrated “daisy chainable” directional coupler
withCPLIN and CPLOUT port
• InternalDCBlocksonallRFports
• Optimized for a 50 Ω System
• 1.8V Control Logic
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• Bands5,6,18,19,&26LTEWirelessDevices
• Bands5,6,18,19,&26WCDMA/HSPA
Wireless Devices
• BandClass0CDMA/EVDOWirelessDevices
PRODUCT DESCRIPTION
TheALT6705 HELP4TM PA is the 4th generation
HELPTM product for LTE and WCDMA devices
operating in UMTS800 (Bands 5, 6, 18,19, & 26)
and for CDMA devices operating in Cell-band. This
PA incorporates ANADIGICS’ HELP4TM technology
to deliver exceptional efficiency at low power
levels and low quiescent current without the need
for external voltage regulators or converters. The
device is manufactured using advanced InGaP-
PlusTM HBT technology offering state-of-the-art
reliability, temperature stability, and ruggedness.
Threeselectablebiasmodesthatoptimizeefficiency
for different output power levels and a shutdown
mode with low leakage current increase handset
talkandstandbytime.A“daisychainable”directional
coupler is integrated in the module thus eliminating
the need of an external coupler. The self-contained
3 mm x 3 mm x 1 mm surface mount package
incorporatesmatchingnetworksoptimizedforoutput
power, efficiency, and linearity in a 50 Ω system.
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)


Similar Part No. - ALT6705

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45P9 ANADIGICS-ALT6701RM45P9 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45Q7 ANADIGICS-ALT6701RM45Q7 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6702RM45P9 ANADIGICS-ALT6702RM45P9 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
More results

Similar Description - ALT6705

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6704 ANADIGICS-ALT6704 Datasheet
725Kb / 12P
HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6713 ANADIGICS-ALT6713 Datasheet
664Kb / 10P
HELP4 UMTS700 (Bands 13 & 14) LTE Linear PAM
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
HELP4 E800 (Band 20) LTE Linear PAM
Rev 2.3
AWT6622 ANADIGICS-AWT6622 Datasheet
648Kb / 11P
HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
HELP4 UMTS900 (Band 8) WCDMA Linear PAM
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com