Electronic Components Datasheet Search
  English  ▼

X  

ARA2000 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ARA2000_11 Datasheet HTML 2Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 3Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 9Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Data Sheet - Rev 2.3
04/2011
ARA2000
continued: AC Electrical Specifications
TA=25°C; Vdd, VAttn, VcMos = +5.0 VDC; Vg1, Vg2 = +1.0 V (tX enabled); Vg1, Vg2 = 0 V (tX disabled)
Note: As measured in ANADIGICS test fixture
pARAMeteR
Min
tYp
MAX
unit coMMents
Output Noise Power
Active/ No Signal/ Min. Atten. Set
Active/ No Signal/ Max. Atten. Set.
-
-
-
-
-38.5
-53.8
dBmV Any 160 kHz bandwidth from
5 to 42 MHz
Isolation (45 MHz) in Tx disable mode
-
65
-
dB
Difference in output signal
between Tx enable and Tx
disable
Differential Input Impedance
-
300
-
Ohms between pins 5 and 8 (Tx
enabled)
Input Impedance
-
75
-
Ohms with transformer (Tx enabled)
Input Return Loss
(75 Ohm characteristic impedance)
-
-
-20
-5
-12
-
dB
Tx enabled
Tx disabled
Differentail Output Impedance
-
300
-
Ohms between pins 21 and 24
Output Impedance
-
75
-
Ohms with transformer
Output Return Loss
(75 Ohm characteristic impedance)
-
-
-17
-15
-12
-10
dB
Tx enabled
Tx disabled
Output Voltage Transient
Tx enable/ Tx disable
-
-
-
4
100
7
mVp-p 0 dB attenuator setting
24 dB attenuator setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com