Electronic Components Datasheet Search
  English  ▼

X  

ARA2000 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ARA2000
Description  Address-Programmable Reverse Amplifier with Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ARA2000_11 Datasheet HTML 9Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 10Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 11Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 12Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 13Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 14Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 15Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 16Page - ANADIGICS, Inc ARA2000_11 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet - Rev 2.3
04/2011
13
ARA2000
figure 17: serial data input timing
Table 9: Digital Interface Specification
pARAMeteR
Min
tYp
MAX
unit
Logic High Input: VH
2.0
-
-
V
Logic Low Input: VL
-
-
0.8
V
Logic Input Current Consumption
-
-
0.01
mA
Data to Clock Set Up Time: tCS
50
-
-
ns
Data to Clock Hold Time: tCH
10
-
-
ns
Clock Pulse Width High: tCWH
50
-
-
ns
Clock Pulse Width Low: tCWL
50
-
-
ns
Clock to Load Enable Setup Time: tES
50
-
-
ns
Load Enable Pulse Width: tEW
50
-
-
ns
Rise Time: tR
-
10
-
ns
Fall Time: tF
-
10
-
ns
tCS
tCH
tCWL
tCWH
tES
tEW
DATA
CLOCK
ENABLE
OR
ENABLE
D15: MSB
D14
D8
D7
D1
D0: LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com