Electronic Components Datasheet Search
  English  ▼

X  

AWC6341 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWC6341
Description  HELP CDMA Band Class 1 CDMA Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6341 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWC6341 Datasheet HTML 1Page - ANADIGICS, Inc AWC6341 Datasheet HTML 2Page - ANADIGICS, Inc AWC6341 Datasheet HTML 3Page - ANADIGICS, Inc AWC6341 Datasheet HTML 4Page - ANADIGICS, Inc AWC6341 Datasheet HTML 5Page - ANADIGICS, Inc AWC6341 Datasheet HTML 6Page - ANADIGICS, Inc AWC6341 Datasheet HTML 7Page - ANADIGICS, Inc AWC6341 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Data Sheet - Rev 2.4
11/2012
AWC6341
Table4:ElectricalSpecifications-CDMAOperation(CDMA2000,RC-1)
(TC = +25 °C, VBATT = VCC = +3.4 V, VENABLE = +1.8 V, 50 Ω system)
Notes:
(1)ACLR and Efficiency are measured at 1880 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE
Gain
25
17
27.5
19.5
30.5
22
dB
POUT = +28.2 dBm
POUT = +17 dBm
0 V
1.8 V
Adjacent Channel Power
at +1.25 MHz offset
Primary Channel BW - 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-50
-55
-46
-46
dBc
POUT = +28.2 dBm
POUT = +17 dBm
0 V
1.8 V
Adjacent Channel Power
at +1.98 MHz
Primary Channel BW=1.23 MHz
Adjacent Channel BW=30 kHz
-
-
-56
-59
-53
-53
dBc
POUT = +28.2 dBm
POUT = +17 dBm
0 V
1.8 V
Efficiency
33
29
37
33
-
-
%
POUT = +28.2 dBm
POUT = +17 dBm
0 V
1.8 V
Quiescent Current (Icq)
Low Bias Mode
-1115mAthrough VCC pin1.8 V
Mode Control Current
-0.080.15mAthrough VMODE pin, VMODE = +1.8 V
Enable Current
-0.040.1
mA
through VEN pin, VEN = +1.8 V
BATT Current-
3.55.5
mA
through VBATT pin, VMODE = +1.8 V
Leakage Current
-<510
µ
A
VBATT = +4.35 V, VCC = +4.35 V,
VEN = 0 V, VMODE = 0 V
Noise Power
-
-
-
-135
-135
-146
-133
-
-
dBm/Hz
1930 MHz to 1990 MHz
GPS Band
ISM Band
Harmonics
2fo
3fo, 4fo
-
-
-44
-51
-35
-42
dBcPOUT ≤ +28.2 dBm
Coupling Factor
-20-
dB
Directivity
-20-
dB
Coupler In_Out
Daisy Chain Insertion Loss
-<0.25
-dB
698 MHz to 2620 MHz
Pin 8 to 9, Shutdown Mode
Spurious Output Level
(all spurious outputs)
--
-70dBc
POUT ≤ +28.2 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1-
-
VSWRApplies over full operating range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com