Electronic Components Datasheet Search
  English  ▼

X  

AWC6341 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWC6341
Description  HELP CDMA Band Class 1 CDMA Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6341 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWC6341 Datasheet HTML 1Page - ANADIGICS, Inc AWC6341 Datasheet HTML 2Page - ANADIGICS, Inc AWC6341 Datasheet HTML 3Page - ANADIGICS, Inc AWC6341 Datasheet HTML 4Page - ANADIGICS, Inc AWC6341 Datasheet HTML 5Page - ANADIGICS, Inc AWC6341 Datasheet HTML 6Page - ANADIGICS, Inc AWC6341 Datasheet HTML 7Page - ANADIGICS, Inc AWC6341 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Data Sheet - Rev 2.4
11/2012
AWC6341
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on the ANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Ranges table) to the VEN and VMODE voltages.
Bias Modes
The power amplifier may be placed in either Low or
High Bias modes by applying the appropriate logic
level (see Operating Ranges table) to the VMODE pin.
Table 5: Bias Control
The Bias Control table below lists the recommended
modes of operation for various applications.
Two operating modes are recommended to optimize
current consumption. High Bias/High Power operating
mode is for POUT levels > 17 dBm. At about 17 dBm,
the PA could be switched to Low Power Mode.
Figure 3: Evaluation Board Schematic
C3
33pF
C4
2.2µF ceramic
RFIN
1
6
7
10
8
5
4
3
VBATT
VMODE
RFOUT
RFIN
GND
VCC
VEN
CPLOUT
VCC
C1
0.1µF
VBATT
VMODE
VEN
CPLIN
29
GND
C5
2.2 µF
C2
0.1µF
GND at slug
CPLIN
CPLOUT
RFOUT
C3
33pF
C4
2.2µF ceramic
RFIN
1
6
7
10
8
5
4
3
VBATT
VMODE
RFOUT
RFIN
GND
VCC
VEN
CPLOUT
VCC
C1
0.1µF
VBATT
VMODE
VEN
CPLIN
29
GND
C5
2.2 µF
C2
0.1µF
GND at slug
CPLIN
CPLOUT
RFOUT
APPLICATION
POUT
LEVELS
BIAS
MODE
VEN
VMODE
VCC
VBATT
Low power
≤
+17 dBm
Low+1.8 V+1.8 V3.1 - 4.35 V> 3.1 V
High power
> +16 dBmHigh+1.8 V0 V3.1 - 4.35 V> 3.1 V
Shutdown
-Shutdown0 V0 V3.1 - 4.35 V> 3.1 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com