Electronic Components Datasheet Search
  English  ▼

X  

AWT6632P9 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWT6632P9
Description  HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6632P9 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWT6632P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 9Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 10Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
DATA SHEET - Rev 2.1
02/2012
AWT6632
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on theANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Rangestable)totheVENABLE and VMODE1voltages.
Bias Modes
ThepoweramplifiermaybeplacedineitheraLowBias
modeoraHighBiasmodebyapplyingtheappropriate
logic level (see Operating Ranges table) to VMODE1.
TheBiasControltableliststherecommendedmodes
of operation for various applications. VMODE2 is not
necessaryforthisPA.
Twooperatingmodesareavailabletooptimizecurrent
consumption.HighBias/HighPoweroperatingmode
isforPOUTlevels> 15.75 dBm. At around 16.75 dBm
output power, the PA should be “Mode Switched”
toLow power mode for lowest quiescent current
consumption.
Table 7: Bias Control
Application
POUT
LEVELS
BIAS
MODE
VENABLE
VMODE1
VCC
VBATT
Highpower
(HighBiasMode)
>+15.75 dBm
High
+1.8V
0 V
1.5-4.35V
> 3.1 V
Med/lowpower
(LowBiasMode)
+16.75 dBm
Low
+1.8V
+1.8V
0.5-4.35V
> 3.1 V
Shutdown
-
Shutdown
0 V
0 V
0.5-4.35V
> 3.1 V
Figure 3: Recommended ON/OFF Timing Sequence
Notes:
(1) Level might be changed after RF is ON.
(2) RF OFF defined as PIN ≤ -30 dBm.
(3) Switching simultaneously between VMODE and VEN is not recommended.
VEN
VCC
note 1
RFIN
notes 1,2
OFF Sequence
Referenced After 90% of Rise
Time
Referenced Before10% of Fall
Time
ON Sequence
On Sequence Start
T_0N=0µ
T_0N+1µS
T_0N+3µS
Off Sequence Start
T_0FF= 0µ
T_0FF+2µST_0FF+3µS
Vcontrols
Venable/Vmode(s)
Rise/Fall Max 1
µS
Defined at 10% to 90%
of Min/Max Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com