Electronic Components Datasheet Search
  English  ▼

X  

AWT6632P9 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6632P9
Description  HELP3DC UMTS1900 (Band 2) LTE/WCDMA/CDMA Linear PA Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6632P9 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6632P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6632P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
02/2012
AWT6632
HELP3DCTM UMTS1900 (Band 2)
LTE/WCDMA/CDMA Linear PA Module
DATA SHEET - Rev 2.1
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• CDMA/EVDO, WCDMA/HSPA, LTE Compliant
• 3rd Generation HELPTM technology
• HighEfficiency:(R99waveform)
•40%@POUT = +29 dBm
•22%@POUT = +16.75 dBm
• SimplerCalibrationwithonly2BiasModes
• Optimized for SMPS Supply
• LowQuiescentCurrent:8mA
• LowLeakageCurrentinShutdownMode:<5µA
• InternalVoltageRegulator
• Integrated“daisychainable”directionalcouplers
withCPLIN and CPLOUTPorts
• Optimized for a 50 ΩSystem
• LowProfileMiniatureSurfaceMountPackage
• InternalDCblocksonIN/OUTRFports
• 1.8VControlLogic
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• WirelessHandsetsandDataDevicesfor:
• WCDMA/HSPA/LTE PCS Band 2
•CDMA/EVDOBandclass1&14
•Band25LTEDevices
PRODUCT DESCRIPTION
TheAWT6632PAisdesignedtoprovidehighlylinear
output for WCDMA, CDMA and LTE handsets and
data devices with high efficiency at both high and
low power modes.This HELP3DCTM PA can be
used with an external switch mode power supply
(SMPS)toimproveitsefficiencyandreducecurrent
consumption further at medium and low output
powers. A “daisy chainable” directional coupler is
integrated in the module thus eliminating the need
ofexternalcouplers.Thedeviceismanufacturedon
anadvancedInGaPHBTMMICtechnologyoffering
state-of-the-art reliability, temperature stability, and
ruggedness.There are two selectable bias modes
that optimize efficiency for different output power
levels,andashutdownmodewithlowleakagecurrent,
whichincreaseshandsettalkandstandbytime.The
self-contained3mmx3mmx1mmsurfacemount
packageincorporatesmatchingnetworksoptimizedfor
outputpower,efficiency,andlinearityina50Ωsystem.
AWT6632
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)


Similar Part No. - AWT6632P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631P9 ANADIGICS-AWT6631P9 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6631Q7 ANADIGICS-AWT6631Q7 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
AWT6634P9 ANADIGICS-AWT6634P9 Datasheet
845Kb / 14P
HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
More results

Similar Description - AWT6632P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6622 ANADIGICS-AWT6622 Datasheet
648Kb / 11P
HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
AWT6631 ANADIGICS-AWT6631 Datasheet
765Kb / 19P
HELP3DC UMTS2100 (Band 1) LTE/WCDMA/CDMA/TD-SCDMA Linear PAM
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
AWT6635 ANADIGICS-AWT6635 Datasheet
882Kb / 14P
HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
Rev 1.3
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
HELP3DC (Band 8) LTE/WCDMA Linear PA Module
Rev 1.3
logo
RF Micro Devices
RF7222 RFMD-RF7222 Datasheet
456Kb / 7P
3V W-CDMA BAND 2 LINEAR PA MODULE
RF7252 RFMD-RF7252 Datasheet
167Kb / 2P
3V CDMA/WCDMA BAND 2 LINEAR PA MODULE
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
RF7413 RFMD-RF7413 Datasheet
573Kb / 7P
3V WCDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com