Electronic Components Datasheet Search
  English  ▼

X  

H8205 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H8205
Description  Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H8205 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H8205 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H8205 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H8205 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H8205 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200904
Issued Date : 2009.02.27
Revised Date : 2010.07.02
Page No. : 3/4
H8205
HSMC Product Specification
TSOP-6 Dimension
Important Notice:
 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
 HSMC reserves the right to make changes to its products without notice.
 HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
 HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
 Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
B1
B1
B
A
D
C
F1
K
J
E
F
G
H
F2
K1
1
23
4
5
6
DIM
Min.
Max.
A
2.70
5.10
B
*1.90
-
B1
*0.95
-
C
2.60
3.00
D
1.40
1.80
E
0.30
0.50
F
-
1.10
F1
0
0.10
F2
0.70
1.00
G
*0.25
-
H
*0.45
-
J
*0.12
-
K
*0.60
-
K1
0
o
10
o
*: REF., Unit: mm
Marking:
Pin Style: 1.Source1 2.Drain1&2 3.Source2
4.Gate2 5.Drain1&2 6.Gate1
Note: Green label is used for pb-free packing
Material:
 Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
 Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
6-Lead TSOP-6 Plastic
Surface Mounted Package
HSMC Package Code: ND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com