Electronic Components Datasheet Search
  English  ▼

X  

H8205 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H8205
Description  Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H8205 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H8205 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H8205 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H8205 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H8205 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200904
Issued Date : 2009.02.27
Revised Date : 2010.07.02
Page No. : 1/4
H8205
HSMC Product Specification
H8205
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
Description
This N-Channel 2.5V specified MOSFET is a rugged gate version of advanced
trench process. It has been optimized for power management applications with a
wide range of gate drive voltage (2.5V-10V)
Features
 R
DS(on)=40m@VGS=2.5V, ID=5.2A; RDS(on)=25m@VGS=4.5V, ID=6A
 High Density Cell Design for Ultra Low On-Resistance
 High Power and Current Handing Capability
 Fully Characterized Avalanche Voltage and Current
 Ideal for Li ion Battery Pack Applications
Applications
 Battery Protection
 Load Switch
 Power Management
Absolute Maximum Ratings (T
A=25
oC, unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
8
V
ID
Drain Current
6
A
IDM
Drain Current (Pulsed)
*1
30
A
PD
Total Power Dissipation @TA=25
oC
2
W
Total Power Dissipation @TA=75
oC
1.3
W
Tj, Tstg
Operating and Storage Temperature Range
-55 to +150
C
RJA
Thermal Resistance Junction to Ambient
*2
62.5
C/W
*1: Maximum DC current limited by the package
*2: 1-in
2 2oz Cu PCB board
Pin 1: Source 1
Pin 2: Drania 1 & 2
Pin 3: Source 2
Pin 4: Gate 2
Pin 5: Drania 1 & 2
Pin 6: Gate 1
H8205 Symbol & Pin Assignment
1
2
3
Q1
Q2
6
5
4


Similar Part No. - H8205

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H8205A HSMC-H8205A Datasheet
57Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
More results

Similar Description - H8205

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Hi-Sincerity Mocroelect...
H9926S HSMC-H9926S Datasheet
45Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
20V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Hi-Sincerity Mocroelect...
H8205A HSMC-H8205A Datasheet
57Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Diodes Incorporated
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com