Electronic Components Datasheet Search
  English  ▼

X  

AD546 Datasheet(PDF) 5 Page - Analog Devices

Part # AD546
Description  1 pA Monolithic Electrometer Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD546 Datasheet(HTML) 5 Page - Analog Devices

  AD546 Datasheet HTML 1Page - Analog Devices AD546 Datasheet HTML 2Page - Analog Devices AD546 Datasheet HTML 3Page - Analog Devices AD546 Datasheet HTML 4Page - Analog Devices AD546 Datasheet HTML 5Page - Analog Devices AD546 Datasheet HTML 6Page - Analog Devices AD546 Datasheet HTML 7Page - Analog Devices AD546 Datasheet HTML 8Page - Analog Devices AD546 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD546
REV. A
–5–
SUPPLY VOLTAGE
± VOLTS
300
250
100
05
20
10
15
200
150
+25oC
Figure 10. Input Bias Current
vs. Supply Voltage
FREQUENCY – Hz
100
–40
10
100
10M
1k
10k
100k
1M
80
60
40
0
–20
20
100
–40
80
60
40
0
–20
20
Figure 13. Open Loop Frequency
Response
160
100
20
10k
1k
10
60
40
120
140
FREQUENCY – Hz
100
80
Figure 11. Input Voltage Noise
Spectral Density vs. Frequency
40
0
1M
20
5
100
15
10
35
30
100k
10k
1k
FREQUENCY – Hz
10
25
Figure 14. Large Signal Frequency
Response
SOURCE RESISTANCE – Ohms
100k
0.1
100k
1M
100G
10M
100M
1G
10G
10k
1k
100
10
1
WHENEVER JOHNSON NOISE IS GREATER THAN
AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE
CONSIDERED NEGLIGIBLE FOR THE APPLICATION.
RESISTOR JOHNSON NOISE
1 kHz BANDWIDTH
AMPLIFIER GENERATED NOISE
10 Hz
BANDWIDTH
Figure 12. Noise vs. Source
Resistance
Figure 15. CMRR vs. Frequency
Figure 16. PSRR vs. Frequency
Figure 17. Output Settling Time vs.
Output Swing and Error Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com