Electronic Components Datasheet Search
  English  ▼

X  

AD546 Datasheet(PDF) 11 Page - Analog Devices

Part # AD546
Description  1 pA Monolithic Electrometer Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD546 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD546 Datasheet HTML 4Page - Analog Devices AD546 Datasheet HTML 5Page - Analog Devices AD546 Datasheet HTML 6Page - Analog Devices AD546 Datasheet HTML 7Page - Analog Devices AD546 Datasheet HTML 8Page - Analog Devices AD546 Datasheet HTML 9Page - Analog Devices AD546 Datasheet HTML 10Page - Analog Devices AD546 Datasheet HTML 11Page - Analog Devices AD546 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD546
REV. A
–11–
tacting the device under test. Rigid Teflon coaxial cable is used
to make connections to all high impedance nodes. The use of
rigid coax affords immunity to error induced by mechanical vi-
bration and provides an outer conductor for shielding. The en-
tire circuit is enclosed in a grounded metal box.
The test apparatus is calibrated without a device under test
present. A five minute stabilization period after the power is
turned on is required. First, VERR1 and VERR2 are measured.
These voltages are the errors caused by offset voltages and leak-
age currents of the current to voltage converters.
VERR1 = 10 (VOSA – IBA
× RSa)
VERR2 = 10 (VOSB – IBB × RSb)
Once measured, these errors are subtracted from the readings
taken with a device under test present. Amplifier B closes the
feedback loop to the device under test, in addition to providing
current to voltage conversion. The offset error of the device un-
der test appears as a common-mode signal and does not affect
the test measurement. As a result, only the leakage current of
the device under test is measured.
VA – VERR1 = 10[RSa × IB(+)]
VX – VERR2 = 10[RSb × IB(–)]
Although a series of devices can be tested after only one calibra-
tion measurement, calibration should be updated periodically to
compensate for any thermal drift of the current-to-voltage con-
verters or changes in the ambient environment. Laboratory re-
sults have shown that repeatable measurements within 10 fA can
be realized when this apparatus is properly implemented. These
results are achieved in part by the design of the circuit, which
eliminates relays and other parasitic leakage paths in the high
impedance signal lines, and in part by the inherent cancellation
of errors through the calibration and measurement procedure.
PHOTODIODE INTERFACE
The AD546’s 1 pA current and low input offset voltage make it
a good choice for very sensitive photodiode preamps (Figure
39). The photodiode develops a signal current, IS, equal to:
IS = R
× P
where P is light power incident on the diode’s surface in watts
and R is the photodiode responsivity in amps/watt. RF converts
the signal current to an output voltage:
VOUT = RF
× I
S
Figure 39. Photodiode Preamp
DC error sources and an equivalent circuit for a small area
(0.2 mm square) photodiode are indicated in Figure 40.
Input current, IB, will contribute an output voltage error, VE1,
proportional to the feedback resistance:
VE1 = IB
× R
F
The op amp’s input voltage offset will cause an error current
through the photodiode’s shunt resistance, RS:
I = VOS/RS
The error current will result in an error voltage (VE2) at the
amplifier’s output equal to:
VE2 = (1 +RF/RS) VOS
Given typical values of photodiode shunt resistance (on the or-
der of 10
9
Ω), R
F/RS can be greater than one, especially if a large
feedback resistance is used. Also, RF/RS will increase with tem-
perature, as photodiode shunt resistance typically drops by a
factor of two for every 10
°C rise in temperature. An op amp
with low offset voltage and low drift helps maintain accuracy.
Figure 40. Photodiode Preamp DC Error Sources
Photodiode Preamp Noise
Noise limits the signal resolution obtainable with the preamp.
The output voltage noise divided by the feedback resistance is
the minimum current signal that can be detected. This mini-
mum detectable current divided by the responsivity of the pho-
todiode represents the lowest light power that can be detected
by the preamp.
Noise sources associated with the photodiode, amplifier, and
feedback resistance are shown in Figure 41; Figure 42 is the
voltage spectral density versus frequency plot of each of the
noise source’s contribution to the output voltage noise (circuit
parameters in Figure 40 are assumed). Each noise source’s rms
contribution to the total output voltage noise is obtained by in-
tegrating the square of its spectral density function over fre-
quency. The rms value of the output voltage noise is the square
root of the sum of all contributions. Minimizing the total area
under these curves will optimize the preamplifier’s resolution for
a given bandwidth.
Figure 41. Photodiode Preamp Noise Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com