Electronic Components Datasheet Search
  English  ▼

X  

AD5532 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5532
Description  32-Channel, 14-Bit Voltage-Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5532 Datasheet HTML 6Page - Analog Devices AD5532 Datasheet HTML 7Page - Analog Devices AD5532 Datasheet HTML 8Page - Analog Devices AD5532 Datasheet HTML 9Page - Analog Devices AD5532 Datasheet HTML 10Page - Analog Devices AD5532 Datasheet HTML 11Page - Analog Devices AD5532 Datasheet HTML 12Page - Analog Devices AD5532 Datasheet HTML 13Page - Analog Devices AD5532 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
AD5532
–10–
–Typical Performance Characteristics
DAC CODE
1.0
0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
2k
4k
6k
8k
10k 12k
16k
14k
VREFIN = 3V
VOFFS_IN = 0V
TA = 25 C
Figure 8. Typical DNL Plot
3.520
6
3.525
3.530
3.535
42
0
–2
–4
–6
SINK/SOURCE CURRENT – mA
TA = 25 C
VREFIN = 3V
Figure 11. VOUT Source and Sink
Capability
–0.0024
–0.0020
–0.0016
TA = 25 C
VREFIN = 3V
VOFFS_IN = 0V
–0.0012
–0.0008
–0.0004
0.0000
0.0004
0.0008
0.0012
0.0016
0.0020
0.0024
0.1
2.96
VIN – V
Figure 14. VIN to VOUT Accuracy
After Offset and Gain Adjustment
(SHA Mode)
TEMPERATURE – C
1.0
–40
0.5
0.0
–0.5
–1.0
040
80
0.2
0.1
0.0
–0.1
–0.2
INL MAX
INL MIN
DNL MIN
DNL MAX
Figure 9. INL Error and DNL Error
vs. Temperature
TIME BASE – 2 s/DIV
–2.0
0.0
2.0
4.0
6.0
8.0
10.0
TA = 25 C
VREFIN = 3V
VOFFS_IN = 0.5V
Figure 12. Full-Scale Settling Time
100
90
10
0%
5V
2 s
1V
TA = 25 C
VREFIN = 3V
VIN = 0 1.5V
VOUT
BUSY
Figure 15. Acquisition Time and
Output Settling Time (SHA Mode)
TEMPERATURE – C
5.325
–40
5.315
5.305
5.295
5.285
5.275
040
80
DAC LOADED TO MIDSCALE
VREFIN = 3V
VOFFS_IN = 0V
Figure 10. VOUT vs. Temperature
TIME BASE – 50ns/DIV
5.301
5.302
5.303
5.304
5.305
5.306
5.307
5.308
5.309
TA = 25 C
VREFIN = 3V
VOFFS_IN = 0V
Figure 13. Major Code Transition
Glitch Impulse
VOUT – V
0
5.2670
5.2676
5.2682
10k
20k
30k
40k
50k
60k
70k
63791
200
1545
TA = 25 C
VREFIN = 3V
VIN = 1.5V
VOFFS_IN = 0V
Figure 16. SHA-Mode Repeatability
(64K Acquisitions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com