Electronic Components Datasheet Search
  English  ▼

X  

AD5302 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5302
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5302 Datasheet HTML 4Page - Analog Devices AD5302 Datasheet HTML 5Page - Analog Devices AD5302 Datasheet HTML 6Page - Analog Devices AD5302 Datasheet HTML 7Page - Analog Devices AD5302 Datasheet HTML 8Page - Analog Devices AD5302 Datasheet HTML 9Page - Analog Devices AD5302 Datasheet HTML 10Page - Analog Devices AD5302 Datasheet HTML 11Page - Analog Devices AD5302 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–8–
AD5343 FUNCTIONAL BLOCK DIAGRAM
.
.
.
.
.
.
VOUTA
BUFFER
GND
AD5343
VOUTB
PD
LOW BYTE
REGISTER
VDD
VREF
HBEN
DB7
DB0
CS
WR
A0
CLR
LDAC
RESET
POWER-ON
RESET
HIGH BYTE
REGISTER
LOW BYTE
REGISTER
HIGH BYTE
REGISTER
POWER-DOWN
LOGIC
DAC
REGISTER
DAC
REGISTER
INTER-
FACE
LOGIC
BUFFER
12-BIT
DAC
12-BIT
DAC
AD5343 PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
HBEN
This pin is used when writing to the device to determine if data is written to the high byte register or the
low byte register.
2VREF
Unbuffered reference input for both DACs.
3VOUTA
Output of DAC A. Buffered output with rail-to-rail operation.
4VOUTB
Output of DAC B. Buffered output with rail-to-rail operation.
5
GND
Ground reference point for all circuitry on the part.
6
CS
Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
7
WR
Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface.
8
A0
Address pin for selecting between DAC A and DAC B.
9
CLR
Asynchronous active low control input that clears all input registers and DAC registers to zeros.
10
LDAC
Active low control input that updates the DAC registers with the contents of the input registers. This allows
all DAC outputs to be simultaneously updated.
11
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.
12
VDD
Power Supply Pin. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 F capacitor in parallel with a 0.1 F capacitor to GND.
13–20
DB0–DB7
Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.
AD5343 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD5343
LDAC
A0
WR
CS
GND
VREF
VOUTB
VOUTA
PD
VDD
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
12-BIT
CLR
HBEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com