Electronic Components Datasheet Search
  English  ▼

X  

AD5302 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5302
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5302 Datasheet HTML 5Page - Analog Devices AD5302 Datasheet HTML 6Page - Analog Devices AD5302 Datasheet HTML 7Page - Analog Devices AD5302 Datasheet HTML 8Page - Analog Devices AD5302 Datasheet HTML 9Page - Analog Devices AD5302 Datasheet HTML 10Page - Analog Devices AD5302 Datasheet HTML 11Page - Analog Devices AD5302 Datasheet HTML 12Page - Analog Devices AD5302 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–9–
TERMINOLOGY
RELATIVE ACCURACY
For the DAC, Relative Accuracy or Integral Nonlinearity (INL)
is a measure of the maximum deviation, in LSBs, from a straight
line passing through the actual endpoints of the DAC transfer
function. Typical INL versus Code plot can be seen in Figures
5, 6, and 7.
DIFFERENTIAL NONLINEARITY
Differential Nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of
±1 LSB
maximum ensures monotonicity. This DAC is guaranteed mono-
tonic by design. Typical DNL versus Code plot can be seen in
Figures 8, 9, and 10.
OFFSET ERROR
This is a measure of the offset error of the DAC and the output
amplifier. It is expressed as a percentage of the full-scale range.
If the offset voltage is positive, the output voltage will still be
positive at zero input code. This is shown in Figure 3. Because
the DACs operate from a single supply, a negative offset cannot
appear at the output of the buffer amplifier. Instead, there will
be a code close to zero at which the amplifier output saturates
(amplifier footroom). Below this code there will be a deadband
over which the output voltage will not change. This is illustrated
in Figure 4.
GAIN ERROR
This is a measure of the span error of the DAC (including any
error in the gain of the buffer amplifier). It is the deviation in
slope of the actual DAC transfer characteristic from the ideal
expressed as a percentage of the full-scale range. This is illus-
trated in Figure 2.
DAC CODE
POSITIVE
GAIN ERROR
NEGATIVE
GAIN ERROR
OUTPUT
VOLTAGE
ACTUAL
IDEAL
Figure 2. Gain Error
DAC CODE
POSITIVE
OFFSET
OUTPUT
VOLTAGE
GAIN ERROR
AND
OFFSET
ERROR
ACTUAL
IDEAL
Figure 3. Positive Offset Error and Gain Error
OUTPUT
VOLTAGE
DAC CODE
NEGATIVE
OFFSET
GAIN ERROR
AND
OFFSET
ERROR
AMPLIFIER
FOOTROOM
(~ 1mV)
NEGATIVE
OFFSET
DEADBAND CODES
ACTUAL
IDEAL
Figure 4. Negative Offset Error and Gain Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com