Electronic Components Datasheet Search
  English  ▼

X  

AD5313 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices AD5313 Datasheet HTML 18Page - Analog Devices AD5313 Datasheet HTML 19Page - Analog Devices AD5313 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–16–
SUGGESTED DATABUS FORMATS
In most applications GAIN and BUF are hard-wired. However,
if more flexibility is required, they can be included in a databus.
This enables you to software program GAIN, giving the option
of doubling the resolution in the lower half of the DAC range.
In a bused system GAIN and BUF may be treated as data inputs
since they are written to the device during a write operation and
take effect when LDAC is taken low. This means that the refer-
ence buffers and the output amplifier gain of multiple DAC
devices can be controlled using common GAIN and BUF lines.
The AD5333 and AD5342 databuses must be at least 10, and
12 bits wide respectively, and are best suited to a 16-bit data-
bus system.
Examples of data formats for putting GAIN and BUF on a 16-
bit databus are shown in Figure 32. Note that any unused bits
above the actual DAC data may be used for BUF and GAIN.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
GAIN
X
X
AD5342
X = UNUSED BIT
BUF
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
GAIN
X
X
AD5333
X
X
BUF
DB10
DB11
Figure 32. GAIN and BUF Data on a 16-Bit Bus
APPLICATIONS INFORMATION
Typical Application Circuits
The AD5332/AD5333/AD5342/AD5343 can be used with a
wide range of reference voltages, especially if the reference inputs
are configured to be unbuffered, in which case the devices offer
full, one-quadrant multiplying capability over a reference range
of 0.25 V to VDD. More typically, these devices may be used with a
fixed, precision reference voltage. Figure 33 shows a typical
setup for the devices when using an external reference connected to
the unbuffered reference inputs. If the reference inputs are unbuf-
fered, the reference input range is from 0.25 V to VDD, but if the
on-chip reference buffers are used, the reference range is reduced.
Suitable references for 5 V operation are the AD780 and REF192.
For 2.5 V operation, a suitable external reference would be the
AD589, a 1.23 V bandgap reference.
AD5332/AD5333/
AD5342/AD5343
VOUT*
0.1 F
VDD = 2.5V TO 5.5V
VDD
GND
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 2.5V
VREF*
GND
VOUT
VIN
EXT
REF
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
10 F
Figure 33. AD5332/AD5333/AD5342/AD5343 Using
External Reference
Driving VDD from the Reference Voltage
If an output range of zero to VDD is required when the reference
inputs are configured as unbuffered, the simplest solution is to
connect the reference inputs to VDD. As this supply may not be
very accurate, and may be noisy, the devices may be powered
from the reference voltage, for example using a 5 V reference
such as the ADM663 or ADM666, as shown in Figure 34.
AD5332/AD5333/
AD5342/AD5343
VOUT*
VDD
GND
VREF*
GND
VOUT(2)
VIN
ADM663/ADM666
VSET
SHDN
SENSE
6V TO 16V
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
0.1 F
10 F
0.1 F
Figure 34. Using an ADM663/ADM666 as Power and Refer-
ence to AD5332/AD5333/AD5342/AD5343
Bipolar Operation Using the AD5332/AD5333/AD5342/AD5343
The AD5332/AD5333/AD5342/AD5343 have been designed
for single supply operation, but bipolar operation is achievable
using the circuit shown in Figure 35. The circuit shown has been
configured to achieve an output voltage range of –5 V < VO <
+5 V. Rail-to-rail operation at the amplifier output is achievable
using an AD820 or OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
VO = [(1 + R4/R3)
× (R2/(R1 + R2) × (2 × VREF × D/2
N)] – R4 × V
REF/R3
where:
D is the decimal equivalent of the code loaded to the DAC, N is
DAC resolution and VREF is the reference voltage input.
With:
VREF = 2.5 V
R1 = R3 = 10 k
Ω
R2 = R4 = 20 k
Ω and VDD = 5 V.
VOUT = (10
× D/2N) – 5
AD5332/AD5333/
AD5342/AD5343
GND
VDD = 5V
EXT
REF
VOUT*
AD780/REF192
WITH VDD = 5V
OR
AD589 WITH VDD = 2.5V
GND
VIN
VOUT
VREF*
VDD
R3
10k
R1
10k
R2
20k
R4
20k
5V
+5V
–5V
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
0.1 F
0.1 F
10 F
Figure 35. Bipolar Operation using the AD5332/AD5333/
AD5342/AD5343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com