Electronic Components Datasheet Search
  English  ▼

X  

AD592 Datasheet(PDF) 5 Page - Analog Devices

Part # AD592
Description  Low Cost, Precision IC Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD592 Datasheet(HTML) 5 Page - Analog Devices

  AD592 Datasheet HTML 1Page - Analog Devices AD592 Datasheet HTML 2Page - Analog Devices AD592 Datasheet HTML 3Page - Analog Devices AD592 Datasheet HTML 4Page - Analog Devices AD592 Datasheet HTML 5Page - Analog Devices AD592 Datasheet HTML 6Page - Analog Devices AD592 Datasheet HTML 7Page - Analog Devices AD592 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD592
REV. A
–5–
+V
AD592
R
100
Ω
950
Ω
VOUT = 1mV/K
Figure 4. Basic Voltage Output (Single Temperature Trim)
To trim the circuit the temperature must be measured by a ref-
erence sensor and the value of R should be adjusted so the out-
put (VOUT) corresponds to 1 mV/K. Note that the trim
procedure should be implemented as close as possible to the
temperature highest accuracy is desired for. In most applications
if a single temperature trim is desired it can be implemented
where the AD592 current-to-output voltage conversion takes
place (e.g., output resistor, offset to an op amp). Figure 5 illus-
trates the effect on total error when using this technique.
AFTER SINGLE
TEMPERATURE
CALIBRATION
ACCURACY
WITHOUT TRIM
+1.0
+0.5
–25
+105
+25
0
–0.5
–1.0
TEMPERATURE – oC
Figure 5. Effect of Scale Factor Trim on Accuracy
If greater accuracy is desired, initial calibration and scale factor
errors can be removed by using the AD592 in the circuit of
Figure 6.
8.66k
Ω
R1
1k
Ω
97.6k
Ω
R2
5k
Ω
7.87k
Ω
AD741
VOUT = 100mV/
oC
+5V
AD1403
V–
AD592
Figure 6. Two Temperature Trim Circuit
With the transducer at 0
°C adjustment of R1 for a 0 V output
nulls the initial calibration error and shifts the output from K to
°C. Tweaking the gain of the circuit at an elevated temperature
by adjusting R2 trims out scale factor error. The only error
remaining over the temperature range being trimmed for is
nonlinearity. A typical plot of two trim accuracy is given in
Figure 7.
SUPPLY VOLTAGE AND THERMAL ENVIRONMENT
EFFECTS
The power supply rejection characteristics of the AD592 mini-
mizes errors due to voltage irregularity, ripple and noise. If a
supply is used other than 5 V (used in factory trimming), the
power supply error can be removed with a single temperature
trim. The PTAT nature of the AD592 will remain unchanged.
The general insensitivity of the output allows the use of lower
cost unregulated supplies and means that a series resistance of
several hundred ohms (e.g., CMOS multiplexer, meter coil
resistance) will not degrade the overall performance.
+2.0
+1.0
–25
+105
+25
0
–1.0
–2.0
TEMPERATURE – oC
0
+75
Figure 7. Typical Two Trim Accuracy
The thermal environment in which the AD592 is used deter-
mines two performance traits: the effect of self-heating on accu-
racy and the response time of the sensor to rapid changes in
temperature. In the first case, a rise in the IC junction tempera-
ture above the ambient temperature is a function of two vari-
ables; the power consumption level of the circuit and the
thermal resistance between the chip and the ambient environ-
ment (
θ
JA). Self-heating error in
°C can be derived by multiply-
ing the power dissipation by
θ
JA. Because errors of this type can
vary widely for surroundings with different heat sinking capaci-
ties it is necessary to specify
θ
JA under several conditions. Table
I shows how the magnitude of self-heating error varies relative
to the environment. In typical free air applications at +25
°C
with a 5 V supply the magnitude of the error is 0.2
°C or less. A
common clip-on heat sink will reduce the error by 25% or more
in critical high temperature, large supply voltage situations.
Table I. Thermal Characteristics
Medium
θ
JA (°C/watt)
τ (sec)*
Still Air
Without Heat Sink
175
60
With Heat Sink
130
55
Moving Air
Without Heat Sink
60
12
With Heat Sink
40
10
Fluorinert Liquid
35
5
Aluminum Block**
30
2.4
NOTES
*
τ is an average of five time constants (99.3% of final value). In cases where the
thermal response is not a simple exponential function, the actual thermal re-
sponse may be better than indicated.
**With thermal grease.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com