Electronic Components Datasheet Search
  English  ▼

X  

AD592 Datasheet(PDF) 8 Page - Analog Devices

Part # AD592
Description  Low Cost, Precision IC Temperature Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD592 Datasheet(HTML) 8 Page - Analog Devices

  AD592 Datasheet HTML 1Page - Analog Devices AD592 Datasheet HTML 2Page - Analog Devices AD592 Datasheet HTML 3Page - Analog Devices AD592 Datasheet HTML 4Page - Analog Devices AD592 Datasheet HTML 5Page - Analog Devices AD592 Datasheet HTML 6Page - Analog Devices AD592 Datasheet HTML 7Page - Analog Devices AD592 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD592
REV. A
–8–
To minimize the number of MUXs required when a large num-
ber of AD592s are being used, the circuit can be configured in a
matrix. That is, a decoder can be used to switch the supply volt-
age to a column of AD592s while a MUX is used to control
which row of sensors are being measured. The maximum num-
ber of AD592s which can be used is the product of the number
of channels of the decoder and MUX.
An example circuit controlling 80 AD592s is shown in Figure
16. A 7-bit digital word is all that is required to select one of
the sensors. The enable input of the multiplexer turns all the
sensors off for minimum dissipation while idling.
+15V
COLUMN
SELECT
4028 BCD TO DECIMAL DECODER
ROW
SELECT
EN
+15V
–15V
80 – AD592s
10k
Ω
VOUT
Figure 16. Matrix Multiplexer
To convert the AD592 output to
°C or °F a single inexpensive
reference and op amp can be used as shown in Figure 17. Al-
though this circuit is similar to the two temperature trim circuit
shown in Figure 6, two important differences exist. First, the
gain resistor is fixed alleviating the need for an elevated tem-
perature trim. Acceptable accuracy can be achieved by choosing
an inexpensive resistor with the correct tolerance. Second, the
AD592 calibration error can be trimmed out at a known conve-
nient temperature (i.e., room temperature) with a single pot ad-
justment. This step is independent of the gain selection.
R
ROFFSET/RGAIN
AD741
VOUT = 100mV/(
oC OR oF)
+5V
AD1403
V–
oC
oF
≈ 9.1kΩ
≈ 9.8kΩ
100k
Ω
180k
Ω
RGAIN
ROFFSET
AD592
RCAL
2.5V
RGAIN
ROFFSET
Figure 17. Celsius or Fahrenheit Thermometer
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.105 (2.66)
0.080 (2.42)
0.105 (2.66)
0.080 (2.42)
0.165 (4.19)
0.125 (3.94)
SQUARE
0.019 (0.482)
0.016 (0.407)
0.105 (2.66)
0.095 (2.42)
0.055 (1.39)
0.045 (1.15)
SEATING
PLANE
0.500
(12.70)
MIN
0.205 (5.20)
0.175 (4.96)
0.210 (5.33)
0.170 (4.32)
12
3
BOTTOM VIEW
0.135
(3.43)
MIN
0.050
(1.27)
MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com