Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 5 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable-Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 5 Page - Analog Devices

  AD603 Datasheet HTML 1Page - Analog Devices AD603 Datasheet HTML 2Page - Analog Devices AD603 Datasheet HTML 3Page - Analog Devices AD603 Datasheet HTML 4Page - Analog Devices AD603 Datasheet HTML 5Page - Analog Devices AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AD603
REV. C
–5–
The Gain-Control Interface
The attenuation is controlled through a differential, high-
impedance (50 M
Ω) input, with a scaling factor which is
laser-trimmed to 40 dB per volt, that is, 25 mV/dB. An internal
bandgap reference ensures stability of the scaling with respect to
supply and temperature variations.
When the differential input voltage VG = 0 V, the attenuator
“slider” is centered, providing an attenuation of 21.07 dB. For
the maximum bandwidth range, this results in an overall gain of
10 dB (= –21.07 dB + 31.07 dB). When the control input is
–500 mV, the gain is lowered by 20 dB (= 0.500 V
× 40 dB/V),
to –10 dB; when set to +500 mV, the gain is increased by 20 dB, to
30 dB. When this interface is overdriven in either direction, the
gain approaches either –11.07 dB (= – 42.14 dB + 31.07 dB) or
31.07 dB (= 0 + 31.07 dB), respectively. The only constraint on
the gain-control voltage is that it be kept within the common-mode
range (–1.2 V to +2.0 V assuming +5 V supplies) of the gain
control interface.
The basic gain of the AD603 can thus be calculated using the
following simple expression:
Gain (dB) = 40 VG + 10
(1)
where VG is in volts. When Pins 5 and 7 are strapped (see next
section) the gain becomes
Gain (dB) = 40 VG + 20 for 0 to +40 dB
and
Gain (dB) = 40 VG + 30 for +10 to +50 dB
(2)
The high impedance gain-control input ensures minimal loading
when driving many amplifiers in multiple channel or cascaded
applications. The differential capability provides flexibility in
choosing the appropriate signal levels and polarities for various
control schemes.
For example, if the gain is to be controlled by a DAC providing
a positive only ground-referenced output, the “Gain Control
LO” (GNEG) pin should be biased to a fixed offset of +500 mV,
to set the gain to –10 dB when “Gain Control HI” (GPOS) is at
zero, and to 30 dB when at +1.00 V.
It is a simple matter to include a voltage divider to achieve other
scaling factors. When using an 8-bit DAC having an FS output
of +2.55 V (10 mV/bit), a divider ratio of 2 (generating 5 mV/bit)
would result in a gain-setting resolution of 0.2 dB/bit. The use
of such offsets is valuable when two AD603s are cascaded, when
various options exist for optimizing the S/N profile, as will be
shown later.
Programming the Fixed-Gain Amplifier Using Pin Strapping
Access to the feedback network is provided at Pin 5 (FDBK).
The user may program the gain of the AD603’s output amplifier
using this pin, as shown in Figure 2. There are three modes: in
the default mode, FDBK is unconnected, providing the range
+9 dB/+51 dB; when VOUT and FDBK are shorted, the gain is
lowered to –11 dB/+31 dB; when an external resistor is placed
between VOUT and FDBK any intermediate gain can be achieved,
for example, –1 dB/+41 dB. Figure 3 shows the nominal maxi-
mum gain versus external resistor for this mode.
GPOS
GNEG
VINP
COMM
VPOS
VOUT
VNEG
FDBK
AD603
VC1
VC2
VIN
VPOS
VOUT
VNEG
a. –10 dB to +30 dB; 90 MHz Bandwidth
GPOS
GNEG
VINP
COMM
VPOS
VOUT
VNEG
FDBK
AD603
VC1
VC2
VIN
VPOS
VOUT
VNEG
2.15k
5.6pF
b. 0 dB to +40 dB; 30 MHz Bandwidth
GPOS
GNEG
VINP
COMM
VPOS
VOUT
VNEG
FDBK
AD603
VC1
VC2
VIN
VPOS
VOUT
VNEG
18pF
c. +10 dB to +50 dB; 9 MHz Bandwidth
Figure 2. Pin Strapping to Set Gain
REXT
52
10
1M
100
1k
10k
100k
50
48
46
44
42
40
38
36
34
32
30
–1:VdB (OUT)
–2:VdB (OUT)
VdB (OUT)
Figure 3. Gain vs. REXT, Showing Worst-Case Limits
Assuming Internal Resistors Have a Maximum Tolerance
of 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com