Electronic Components Datasheet Search
  English  ▼

X  

AD603 Datasheet(PDF) 11 Page - Analog Devices

Part # AD603
Description  Low Noise, 90 MHz Variable-Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD603 Datasheet HTML 6Page - Analog Devices AD603 Datasheet HTML 7Page - Analog Devices AD603 Datasheet HTML 8Page - Analog Devices AD603 Datasheet HTML 9Page - Analog Devices AD603 Datasheet HTML 10Page - Analog Devices AD603 Datasheet HTML 11Page - Analog Devices AD603 Datasheet HTML 12Page - Analog Devices AD603 Datasheet HTML 13Page - Analog Devices AD603 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AD603
REV. C
–11–
GAIN VOLTAGE – Volts
2.50
–0.5
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–0.4 –0.3 –0.2 –0.1 0.0 0.2 0.3 0.4
0.5 0.6
45MHz
70MHz
10.7MHz
455kHz
70MHz
Figure 16. Gain Error vs. Gain Control
Voltage at 455 kHz, 10.7 MHz, 45 MHz,
70 MHz
FREQUENCY – Hz
100k
1M
10M
100M
Figure 19. Frequency and Phase
Response vs. Gain (Gain = +30 dB,
PIN = –30 dBm, Pin 5 Connected to
Pin 7)
10dB/DIV
Figure 22. Third Order Intermodula-
tion Distortion at 455 kHz (10
× Probe
Used to HP3585A Spectrum Analyzer,
Gain = 0 dB, PIN = 0 dBm, Pin 5 Con-
nected to Pin 7)
FREQUENCY – Hz
100k
1M
10M
100M
Figure 17. Frequency and Phase
Response vs. Gain (Gain = –10 dB,
PIN = –30 dBm, Pin 5 Connected to
Pin 7)
GAIN CONTROL VOLTAGE – Volts
7.60
–0.6
7.40
7.20
7.00
6.80
6.60
6.40
–0.4
–0.2
0
0.2
0.4
0.6
Figure 20. Group Delay vs. Gain
Control Voltage
10dB/DIV
Figure 23. Third Order Intermodula-
tion Distortion at 10.7 MHz (10
× Probe
Used to HP3585A Spectrum Analyzer,
Gain = 0 dB, PIN = 0 dBm, Pin 5 Con-
nected to Pin 7)
FREQUENCY – Hz
100k
1M
10M
100M
Figure 18. Frequency and Phase
Response vs. Gain (Gain = +10 dB,
PIN = –30 dBm, Pin 5 Connected to
Pin 7)
DATEL
DVC 8500
HP3326A
DUAL
CHANNEL
SYNTHESIZER
100
+5V
0.1 F
–5V
511
AD603
10
PROBE
HP3585A
SPECTRUM
ANALYZER
0.1 F
Figure 21. Third Order Intermodula-
tion Distortion Test Setup
LOAD RESISTANCE –
–1.0
0
–1.2
–1.4
–1.6
–1.8
–2.0
–2.2
–2.4
–2.6
–2.8
–3.0
50
100
200
500
1000 2000
–3.2
–3.4
Figure 24. Typical Output Voltage
Swing vs. Load Resistance (Negative
Output Swing Limits First)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com