Electronic Components Datasheet Search
  English  ▼

X  

AD605 Datasheet(PDF) 7 Page - Analog Devices

Part # AD605
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD605 Datasheet HTML 3Page - Analog Devices AD605 Datasheet HTML 4Page - Analog Devices AD605 Datasheet HTML 5Page - Analog Devices AD605 Datasheet HTML 6Page - Analog Devices AD605 Datasheet HTML 7Page - Analog Devices AD605 Datasheet HTML 8Page - Analog Devices AD605 Datasheet HTML 9Page - Analog Devices AD605 Datasheet HTML 10Page - Analog Devices AD605 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD605
–7–
REV. C
FREQUENCY (Hz)
–30
–40
–90
100k
1M
100M
10M
–50
–60
–80
–70
VGN1 = 1V
VOUT1 = 1V p-p
VIN2 = GND
VGN2 = 2.9V
VGN2 = 2.5V
VGN2 = 2.0V
VGN2 = 0.1V
TPC 28. Crosstalk (CH1 to CH2) vs.
Frequency
TEMPERATURE ( C)
25
20
0
–40
90
–20
0
20
40
60
80
15
10
5
+IS (AD605)
+IS (VGN = 0)
TPC 31. Supply Current (One
Channel) vs. Temperature
FREQUENCY (Hz)
0
–10
–60
100k
1M
100M
10M
–20
–30
–50
–40
VIN = 0dBm
VGN = 2.9V
VGN = 2.5V
VGN = 2.0V
VGN = 0.1V
TPC 29. Common-Mode Rejection vs.
Frequency
FREQUENCY (Hz)
180
175
140
100k
1M
100M
10M
160
155
145
150
170
165
VGN = 2.9V
TPC 30. Input Impedance vs.
Frequency
FREQUENCY (Hz)
16
14
4
100k
1M
100M
10M
12
10
6
8
VGN = 0.1V
VGN = 2.9V
TPC 32. Group Delay vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com