Electronic Components Datasheet Search
  English  ▼

X  

AD605 Datasheet(PDF) 2 Page - Analog Devices

Part # AD605
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605 Datasheet(HTML) 2 Page - Analog Devices

  AD605 Datasheet HTML 1Page - Analog Devices AD605 Datasheet HTML 2Page - Analog Devices AD605 Datasheet HTML 3Page - Analog Devices AD605 Datasheet HTML 4Page - Analog Devices AD605 Datasheet HTML 5Page - Analog Devices AD605 Datasheet HTML 6Page - Analog Devices AD605 Datasheet HTML 7Page - Analog Devices AD605 Datasheet HTML 8Page - Analog Devices AD605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD605–SPECIFICATIONS
–2–
REV. C
Model
AD605A
AD605B
Parameter
Conditions
Min
Typ
Max
Min Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
175
± 40
175
± 40
Ω
Input Capacitance
3.0
3.0
pF
Peak Input Voltage
At Minimum Gain
2.5
± 2.5
2.5
± 2.5
V
Input Voltage Noise
VGN = 2.9 V
1.8
1.8
nV/
√Hz
Input Current Noise
VGN = 2.9 V
2.7
2.7
pA/
√Hz
Noise Figure
RS = 50
Ω, f = 10 MHz, VGN = 2.9 V
8.4
8.4
dB
RS = 200
Ω, f = 10 MHz, VGN = 2.9 V
12
12
dB
Common-Mode Rejection Ratio
f = 1 MHz, VGN = 2.65 V
–20
–20
dB
OUTPUT CHARACTERISTICS
–3 dB Bandwidth
Constant with Gain
40
40
MHz
Slew Rate
VGN = 1.5 V, Output = 1 V Step
170
170
V/
µs
Output Signal Range
RL
≥ 500 Ω
2.5
± 1.5
2.5
± 1.5
V
Output Impedance
f = 10 MHz
2
2
Ω
Output Short-Circuit Current
±40
±40
mA
Harmonic Distortion
VGN = 1 V, VOUT = 1 V p-p,
HD2
f = 1 MHz
–64
–64
dBc
HD3
f = 1 MHz
–68
–68
dBc
HD2
f = 10 MHz
–51
–51
dBc
HD3
f = 10 MHz
–53
–53
dBc
Two-Tone Intermodulation
RS = 0
Ω, VGN = 2.9 V, VOUT = 1 V p-p
Distortion (IMD)
f = 1 MHz
–72
–72
dBc
f = 10 MHz
–60
–60
dBc
1 dB Compression Point
f = 10 MHz, VGN = 2.9 V, Output Referred
+15
+15
dBm
Third Order Intercept
f = 10 MHz, VGN = 2.9 V, VOUT = 1 V p-p,
–1
–1
dBm
Input Referred
Channel-to-Channel Crosstalk
Ch1: VGN = 2.65 V, Inputs Shorted,
–70
–70
dB
Ch2: VGN = 1.5 V (Mid Gain), f = 1 MHz,
VOUT = 1 V p-p
Group Delay Variation
1 MHz < f < 10 MHz, Full Gain Range
±2.0
±2.0
ns
VOCM Input Resistance
45
45
k
Ω
ACCURACY
Absolute Gain Error
–14 dB to –11 dB
0.25 V < VGN < 0.40 V
–1.2
+1.0
+3.0
–1.2 +0.75
+3.0
dB
–11 dB to +29 dB
0.40 V < VGN < 2.40 V
–1.0
±0.3
+1.0
–1.0
±0.2
+1.0
dB
+29 dB to +34 dB
2.40 V < VGN < 2.65 V
–3.5
–1.25
+1.2
–3.5 –1.25
+1.2
dB
Gain Scaling Error
0.4 V < VGN < 2.4 V
±0.25
±0.25
dB/V
Output Offset Voltage
VREF = 2.500 V, VOCM = 2.500 V
–50
±30
50
–50
±30
50
mV
Output Offset Variation
VREF = 2.500 V, VOCM = 2.500 V
30
95
30
50
mV
GAIN CONTROL INTERFACE
Gain Scaling Factor
VREF = 2.5 V, 0.4 V < VGN < 2.4 V
19
20
21
19
20
21
dB/V
VREF = 1.67 V
30
30
dB/V
Gain Range
FBK Short to OUT
–14 – +34
–14 – +34
dB
FBK Open
0 – +48
0 – +48
dB
Input Voltage (VGN) Range
20 dB/V, VREF = 2.5 V
0.1 – 2.9
0.1 – 2.9
V
Input Bias Current
–0.4
–0.4
µA
Input Resistance
22
M
Ω
Response Time
48 dB Gain Change
0.2
0.2
µs
POWER SUPPLY
Supply Voltage
4.5
5.0
5.5
4.5
5.0
5.5
V
Power Dissipation
90
90
mW
VREF Input Resistance
10
10
k
Ω
Quiescent Supply Current
VPOS
18
23
18
23
mA
Power Down
VPOS, VGN < 50 mV
1.9
3.0
1.9
3.0
mA
Power-Up Response Time
48 dB Gain, VOUT = 2 V p-p
0.6
0.6
µs
Power-Down Response Time
0.4
0.4
µs
(Each channel @ TA = 25 C, VS = 5 V, RS = 50
, RL = 500
, CL = 5 pF, VREF = 2.5 V
(Scaling = 20 dB/V), –14 dB to +34 dB gain range, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com