Electronic Components Datasheet Search
  English  ▼

X  

AD622 Datasheet(PDF) 8 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD622 Datasheet HTML 3Page - Analog Devices AD622 Datasheet HTML 4Page - Analog Devices AD622 Datasheet HTML 5Page - Analog Devices AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices AD622 Datasheet HTML 10Page - Analog Devices AD622 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD622
REV. C
–8–
Table I. Make vs. Buy Error Budget
Total Error
Total Error
in ppm
in ppm
AD622 Circuit
“Homebrew” Circuit
Relative to 1 V FS
Relative to 1 V FS
Error Source
Calculation
Calculation
AD622
Homebrew
ABSOLUTE ACCURACY at TA = +25°C
Total RTI Offset Voltage,
µV
250
µV + 1500 µV/10
800
µV × 2
400
1600
Input Offset Current, nA
2.5 nA
× 1kΩ
15 nA
× 1 kΩ
2.5
15
CMR, dB
86 dB
→50 ppm × 0.5 V
(0.1% Match
× 0.5 V)/10 V
25
50
Total Absolute Error
427.5
1665
DRIFT TO +85
°C
Gain Drift, ppm/
°C
(50 ppm + 5 ppm)
× 60°C
(50 ppm)/
°C × 60°C
3300
3000
Total RTI Offset Voltage,
µV/°C(2 µV/°C + 15 µV/°C/10) × 60°C9 µV/°C × 2 × 60°C
210
1080
Input Offset Current, pA/
°C
2 pA/
°C × 1kΩ × 60°C
155 pA/
°C × 1kΩ × 60°C
0.12
9.3
Total Drift Error
3510.12
4089.3
RESOLUTION
Gain Nonlinearity, ppm of Full Scale
10 ppm
20 ppm
10
20
Typ 0.1 Hz–10 Hz Voltage Noise,
µV p-p 0.6 µV p-p
0.55
µV p-p × √2
0.6
0.778
Total Resolution Error
10.6
20.778
Grand Total Error
3948
5575
GAIN SELECTION
The AD622’s gain is resistor programmed by RG, or more pre-
cisely, by whatever impedance appears between Pins 1 and 8.
The AD622 is designed to offer gains as close as possible to
popular integer values using standard 1% resistors. Table II
shows required values of RG for various gains. Note that for
G = 1, the RG pins are unconnected (RG = ∞). For any arbitrary
gain R G can be calculated by using the formula
RG =
50.5
k
Ω
G
−1
To minimize gain error avoid high parasitic resistance in series
with RG, and to minimize gain drift, RG should have a low
TC—less than 10 ppm/
°C for the best performance.
Table II. Required Values of Gain Resistors
Desired
1% Std Table
Calculated
Gain
Value of RG,
Gain
2
51.1 k
1.988
5
12.7 k
4.976
10
5.62 k
9.986
20
2.67 k
19.91
33
1.58 k
32.96
40
1.3 k
39.85
50
1.02 k
50.50
65
787
65.17
100
511
99.83
200
255
199.0
500
102
496.1
1000
51.1
989.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com