Electronic Components Datasheet Search
  English  ▼

X  

AD622 Datasheet(PDF) 4 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 4 Page - Analog Devices

  AD622 Datasheet HTML 1Page - Analog Devices AD622 Datasheet HTML 2Page - Analog Devices AD622 Datasheet HTML 3Page - Analog Devices AD622 Datasheet HTML 4Page - Analog Devices AD622 Datasheet HTML 5Page - Analog Devices AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD622
REV. C
–4–
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD622AN
–40
°C to +85°C
N-8
AD622AR
–40
°C to +85°C
SO-8
AD622AR-REEL
–40
°C to +85°C
13" Reel
AD622AR-REEL7
–40
°C to +85°C
7" Reel
*N = Plastic DIP, SO = Small Outline.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 650 mW
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±25 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD622A . . . . . . . . . . . . . . . . . . . . . . . . . . . – 40
°C to +85°C
Lead Temperature Range
(Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
θ
JA = 95°C/Watt
8-Lead SOIC Package:
θ
JA = 155°C/Watt
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD622 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Typical Characteristics (@ +25 C, V
S =
15 V, RL = 2 k , unless otherwise noted)
OUTPUT OFFSET VOLTAGE – mV
50
20
0
–0.40
0
0.40
0.80
1.00
–1.00
–0.80
30
10
40
SAMPLE SIZE = 191
Figure 1. Typical Distribution of Output Offset Voltage
COMMON-MODE REJECTION RATIO – dB
50
20
0
60
80
100
120
140
30
10
40
SAMPLE SIZE = 383
Figure 2. Typical Distribution of Common-Mode Rejection
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com