Electronic Components Datasheet Search
  English  ▼

X  

AD623 Datasheet(PDF) 5 Page - Analog Devices

Part # AD623
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 5 Page - Analog Devices

  AD623 Datasheet HTML 1Page - Analog Devices AD623 Datasheet HTML 2Page - Analog Devices AD623 Datasheet HTML 3Page - Analog Devices AD623 Datasheet HTML 4Page - Analog Devices AD623 Datasheet HTML 5Page - Analog Devices AD623 Datasheet HTML 6Page - Analog Devices AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD623
–5–
REV. C
Typical Characteristics(@ +25 C V
S =
5 V, RL = 10 k
unless otherwise noted)
INPUT OFFSET VOLTAGE –
V
–100
140
–60
–20
–40
20
120
280
0
240
200
160
80
40
120
260
220
180
140
60
20
100
100
80
60
40
0
–80
300
Figure 2. Typical Distribution of Input Offset Voltage;
Package Option N-8, SO-8
OUTPUT OFFSET VOLTAGE
V
180
0
–800 –600 –400 –200
0
200
400
600
800
300
240
60
120
360
420
480
Figure 3. Typical Distribution of Output Offset Voltage;
Package Option N-8, SO-8
INPUT OFFSET VOLTAGE –
V
12
6
0
–80
–60
–40
–20
0
20
40
60
80
100
10
8
4
2
14
16
18
20
22
Figure 4. Typical Distribution of Input Offset Voltage,
VS = +5, Single Supply, VREF = –0.125 V; Package Option
N-8, SO-8
OUTPUT OFFSET VOLTAGE –
V
12
6
0
–500
0
–400 –300 –200 –100
100
200 300 400
10
8
4
2
14
16
18
20
22
–600
500
Figure 5. Typical Distribution of Output Offset Voltage,
VS = +5, Single Supply, VREF = –0.125 V; Package Option
N-8, SO-8
INPUT OFFSET CURRENT – nA
150
0
–0.245
–0.21
–0.24 –0.235 –0.23
–0.225
–0.22
–0.215
90
60
30
120
180
210
Figure 6. Typical Distribution for Input Offset Current;
Package Option N-8, SO-8
INPUT OFFSET CURRENT – nA
20
0
–0.025
0.01
–0.02
–0.015 –0.01
–0.005
0
0.005
18
8
6
4
2
14
10
16
12
Figure 7. Typical Distribution for Input Offset Current,
VS = +5, Single Supply, VREF = –0.125 V; Package Option
N-8, SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com