Electronic Components Datasheet Search
  English  ▼

X  

AD623A Datasheet(PDF) 7 Page - Analog Devices

Part # AD623A
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623A Datasheet(HTML) 7 Page - Analog Devices

Back Button AD623A Datasheet HTML 3Page - Analog Devices AD623A Datasheet HTML 4Page - Analog Devices AD623A Datasheet HTML 5Page - Analog Devices AD623A Datasheet HTML 6Page - Analog Devices AD623A Datasheet HTML 7Page - Analog Devices AD623A Datasheet HTML 8Page - Analog Devices AD623A Datasheet HTML 9Page - Analog Devices AD623A Datasheet HTML 10Page - Analog Devices AD623A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD623
–7–
REV. C
120
110
100
90
80
70
60
50
40
30
1
10
100
1k
10k
100k
FREQUENCY – Hz
x1000
x10
x1
x100
Figure 17. CMR vs. Frequency,
±5 V
S
100
1k
10k
100k
1M
FREQUENCY – Hz
70
60
50
40
30
20
10
0
–10
–20
–30
Figure 18. Gain vs. Frequency (VS = +5 V, 0 V), VREF = 2.5 V
COMMON MODE INPUT – Volts
5
–5
–6
–5
4
3
0
2
VS = 5
VS = 2.5
–4
–3
–2
–1
0
1
2
3
4
5
–4
–3
–2
–1
1
Figure 19. Maximum Output Voltage vs. Common Mode,
G = 1, RL = 100 kΩ
Figure 14. 0.1 Hz to 10 Hz Current Noise (0.71 pA/Div)
Figure 15. 0.1 Hz to 10 Hz RTI Voltage Noise
(1 Div = 1
µV p-p)
120
110
100
90
80
70
60
50
40
30
1
10
100
1k
10k
100k
FREQUENCY – Hz
x1000
x100
x10
x1
Figure 16. CMR vs. Frequency, +5, 0 VS, VREF = 2.5 V
RTO
RTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com