Electronic Components Datasheet Search
  English  ▼

X  

AD623A Datasheet(PDF) 15 Page - Analog Devices

Part # AD623A
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623A Datasheet(HTML) 15 Page - Analog Devices

Back Button AD623A Datasheet HTML 8Page - Analog Devices AD623A Datasheet HTML 9Page - Analog Devices AD623A Datasheet HTML 10Page - Analog Devices AD623A Datasheet HTML 11Page - Analog Devices AD623A Datasheet HTML 12Page - Analog Devices AD623A Datasheet HTML 13Page - Analog Devices AD623A Datasheet HTML 14Page - Analog Devices AD623A Datasheet HTML 15Page - Analog Devices AD623A Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD623
–15–
REV. C
Amplifying Signals with Low Common-Mode Voltage
Because the common-mode input range of the AD623 extends
0.1 V below ground, it is possible to measure small differential
signals which have low, or no, common mode component. Fig-
ure 50 shows a thermocouple application where one side of the
J-type thermocouple is grounded.
J-TYPE
THERMOCOUPLE
2V
+5V
VOUT
0.1 F
AD623
REF
RG
1.02k
Figure 50. Amplifying Bipolar Signals with Low Common-
Mode Voltage
Over a temperature range from –200
°C to +200°C, the J-type
thermocouple delivers a voltage ranging from –7.890 mV to
10.777 mV. A programmed gain on the AD623 of 100 (RG =
1.02 k
Ω) and a voltage on the AD623 REF pin of 2 V, results in
the AD623’s output voltage ranging from 1.110 V to 3.077 V
relative to ground.
INPUT DIFFERENTIAL AND COMMON-MODE RANGE
VS. SUPPLY AND GAIN
Figure 51 shows a simplified block diagram of the AD623. The
voltages at the outputs of the amplifiers A1 and A2 are given by
the equations
VA2 = VCM + VDIFF/2 + 0.6 V + VDIFF × RF/RG
= VCM + 0.6 V + VDIFF × Gain/2
VA1 = VCM – VDIFF/2 + 0.6 V – VDIFF × RF/RG
= VCM + 0.6 V – VDIFF × Gain/2
50k
VOUT
6
REF
5
50k
50k
50k
1
POS SUPPLY
7
INVERTING
2
4
NEG SUPPLY
3
NONINVERTING
7
GAIN
VDIFF
2
VCM
RF
50k
RG
A1
4
8
RF
50k
A3
A2
VDIFF
2
Figure 51. Simplified Block Diagram
The voltages on these internal nodes are critical in determining
whether or not the output voltage will be clipped. The voltages
VA1 and VA2 can swing from about 10 mV above the negative
supply (V– or Ground) to within about 100 mV of the positive
rail before clipping occurs. Based on this and from the above
equations, the maximum and minimum input common-mode
voltages are given by the equations
VCMMAX = V+ – 0.7 V – VDIFF × Gain/2
VCMMIN = V– – 0.590 V + VDIFF × Gain/2
These equations can be rearranged to give the maximum possible
differential voltage (positive or negative) for a particular common-
mode voltage, gain, and power supply. Because the signals on A1
and A2, can clip on either rail, the maximum differential voltage
will be the lesser of the two equations.
|VDIFFMAX| = 2 (V+ – 0.7 V – VCM)/Gain
|VDIFFMAX| = 2 (VCM – V– +0.590 V)/Gain
However, the range on the differential input voltage range is also
constrained by the output swing. So the range of VDIFF may have
to be lower according the equation.
Input Range ≤ Available Output Swing/Gain
For a bipolar input voltage with a common-mode voltage that is
roughly half way between the rails, VDIFFMAX will be half the
value that the above equations yield because the REF pin will be
at midsupply. Note that the available output swing is given for
different supply conditions in the Specifications section.
The equations can be rearranged to give the maximum gain for a
fixed set of input conditions. Again, the maximum gain will be
the lesser of the two equations.
GainMAX = 2 (V+ – 0.7 V – VCM)/VDIFF
GainMAX = 2 (VCM – V– +0.590 V)/VDIFF
Again, we must ensure that the resulting gain times the input
range is less than the available output swing. If this is not the
case, the maximum gain is given by,
GainMAX = Available Output Swing/Input Range
Also for bipolar inputs (i.e., input range = 2 VDIFF), the maxi-
mum gain will be half the value yielded by the above equations
because the REF pin must be at midsupply.
The maximum gain and resulting output swing for different
input conditions is given in Table IV. Output voltages are refer-
enced to the voltage on the REF pin.
For the purposes of computation, it is necessary to break down
the input voltage into its differential and common-mode compo-
nent. So when one of the inputs is grounded or at a fixed voltage,
the common-mode voltage changes as the differential voltage
changes. Take the case of the thermocouple amplifier in Figure
50. The inverting input on the AD623 is grounded. So when the
input voltage is –10 mV, the voltage on the noninverting input is
–10 mV. For the purposes of signal swing calculations, this input
voltage should be considered to be composed of a common-mode
voltage of –5 mV (i.e., (+IN + –IN)/2) and a differential input
voltage of –10 mV (i.e., +IN – –IN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com