Electronic Components Datasheet Search
  English  ▼

X  

AD624 Datasheet(PDF) 5 Page - Analog Devices

Part # AD624
Description  Precision Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD624 Datasheet(HTML) 5 Page - Analog Devices

  AD624 Datasheet HTML 1Page - Analog Devices AD624 Datasheet HTML 2Page - Analog Devices AD624 Datasheet HTML 3Page - Analog Devices AD624 Datasheet HTML 4Page - Analog Devices AD624 Datasheet HTML 5Page - Analog Devices AD624 Datasheet HTML 6Page - Analog Devices AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV. C
AD624
–5–
0
1
10
10M
1M
100k
10k
1k
100
FREQUENCY – Hz
–100
–80
–60
–40
–120
–140
–20
G = 500
G = 1
G = 100
Figure 10. CMRR vs. Frequency RTI,
Zero to 1k Source Imbalance
160
0
100k
40
20
10
80
60
100
120
140
10k
1k
100
FREQUENCY – Hz
G = 500
G = 100
G = 1
–VS = –15V dc+
1V p-p SINEWAVE
Figure 13. Negative PSRR vs.
Frequency
Figure 16. Low Frequency Voltage
Noise, G = 1 (System Gain = 1000)
30
20
0
10
FREQUENCY – Hz
10k
1k
100k
1M
G = 1, 100
G = 500
G = 100
G = 1000
BANDWIDTH LIMITED
-
Figure 11. Large Signal Frequency
Response
0.1
100
1
10
1000
100k
10
1
10k
1k
100
FREQUENCY – Hz
G = 1
G = 10
G = 100, 1000
G = 1000
Figure 14. RTI Noise Spectral
Density vs. Gain
Figure 17. Low Frequency Voltage
Noise, G = 1000 (System Gain =
100,000)
160
0
100k
40
20
10
80
60
100
120
140
10k
1k
100
FREQUENCY – Hz
G = 500
G = 100
G = 1
–VS = –15V dc+
1V p-p SINEWAVE
Figure 12. Positive PSRR vs.
Frequency
10
10k
100
1000
100k
100k
1
0.1
10k
100
10
FREQUENCY – Hz
Figure 15. Input Current Noise
20
8 TO –8
12 TO –12
0
OUTPUT
STEP –V
4 TO –4
–4 TO 4
–8 TO 8
–12 TO 12
15
10
5
SETTLING TIME –
s
1%
1%
0.1%
0.01%
0.1%
0.01%
Figure 18. Settling Time, Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com