Electronic Components Datasheet Search
  English  ▼

X  

AD624 Datasheet(PDF) 14 Page - Analog Devices

Part # AD624
Description  Precision Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD624 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices AD624 Datasheet HTML 10Page - Analog Devices AD624 Datasheet HTML 11Page - Analog Devices AD624 Datasheet HTML 12Page - Analog Devices AD624 Datasheet HTML 13Page - Analog Devices AD624 Datasheet HTML 14Page - Analog Devices AD624 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
REV. C
AD624
–14–
AD624C
–VS
+VS
G = 100
RG1
RG2
10k
350
+10V
14-BIT
ADC
0 TO 2V
F.S.
350
350
350
Figure 47. Typical Bridge Application
Table II. Error Budget Analysis of AD624CD in Bridge Application
Effect on
Effect on
Absolute
Absolute
Effect
AD624C
Accuracy
Accuracy
on
Error Source
Specifications
Calculation
at TA = +25 C
at TA = +85 C Resolution
Gain Error
±0.1%
±0.1% = 1000 ppm
1000 ppm
1000 ppm
–
Gain Instability
10 ppm
(10 ppm/
°C) (60°C) = 600 ppm
_
600 ppm
–
Gain Nonlinearity
±0.001%
±0.001% = 10 ppm
–
–
10 ppm
Input Offset Voltage
±25 µV, RTI
±25 µV/20 mV = ±1250 ppm
1250 ppm
1250 ppm
–
Input Offset Voltage Drift
±0.25 µV/°C(±0.25 µV/°C) (60°C)= 15 µV
15
µV/20 mV = 750 ppm
–
750 ppm
–
Output Offset Voltage
1
±2.0 mV
±2.0 mV/20 mV = 1000 ppm
1000 ppm
1000 ppm
–
Output Offset Voltage Drift
1
±10 µV/°C(±10 µV/°C) (60°C) = 600 µV
600
µV/20 mV = 300 ppm
–
300 ppm
–
Bias Current–Source
±15 nA
(
±15 nA)(5 Ω ) = 0.075 µV
Imbalance Error
0.075
µV/20mV = 3.75 ppm
3.75 ppm
3.75 ppm
–
Offset Current–Source
±10 nA
(
±10 nA)(5 Ω) = 0.050 µV
Imbalance Error
0.050
µV/20 mV = 2.5 ppm
2.5 ppm
2.5 ppm
–
Offset Current–Source
±10 nA
(10 nA) (175
Ω) = 1.75 µV
Resistance Error
1.75
µV/20 mV = 87.5 ppm
87.5 ppm
87.5 ppm
–
Offset Current–Source
±100 pA/°C
(100 pA/
°C) (175 Ω) (60°C) = 1 µV
Resistance–Drift
1
µV/20 mV = 50 ppm
–
50 ppm
–
Common-Mode Rejection
115 dB
115 dB = 1.8 ppm
× 5V = 9 µV
5V dc
9
µV/20 mV = 444 ppm
450 ppm
450 ppm
–
Noise, RTI
(0.1 Hz–10 Hz)
0.22
µV p-p
0.22
µV p-p/20 mV = 10 ppm
_
–
10 ppm
Total Error
3793.75 ppm
5493.75 ppm
20 ppm
NOTE
1Output offset voltage and output offset voltage drift are given as RTI figures.
For a comprehensive study of instrumentation amplifier design
and applications, refer to the
Instrumentation Amplifier Application
Guide, available free from Analog Devices.
ERROR BUDGET ANALYSIS
To illustrate how instrumentation amplifier specifications are
applied, we will now examine a typical case where an AD624 is
required to amplify the output of an unbalanced transducer.
Figure 47 shows a differential transducer, unbalanced by
≈5 Ω,
supplying a 0 to 20 mV signal to an AD624C. The output of the
IA feeds a 14-bit A to D converter with a 0 to 2 volt input volt-
age range. The operating temperature range is –25
°C to +85°C.
Therefore, the largest change in temperature
∆T within the
operating range is from ambient to +85
°C (85°C – 25°C =
60
°C.)
In many applications, differential linearity and resolution are of
prime importance. This would be so in cases where the absolute
value of a variable is less important than changes in value. In
these applications, only the irreducible errors (20 ppm =
0.002%) are significant. Furthermore, if a system has an intelli-
gent processor monitoring the A to D output, the addition of an
autogain/autozero cycle will remove all reducible errors and may
eliminate the requirement for initial calibration. This will also
reduce errors to 0.002%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com