Electronic Components Datasheet Search
  English  ▼

X  

AT86RF233 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 9Page - ATMEL Corporation AT86RF233 Datasheet HTML 10Page - ATMEL Corporation AT86RF233 Datasheet HTML 11Page - ATMEL Corporation AT86RF233 Datasheet HTML 12Page - ATMEL Corporation AT86RF233 Datasheet HTML 13Page - ATMEL Corporation AT86RF233 Datasheet HTML 14Page - ATMEL Corporation AT86RF233 Datasheet HTML 15Page - ATMEL Corporation AT86RF233 Datasheet HTML 16Page - ATMEL Corporation AT86RF233 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 196 page
background image
13
8351B–MCU Wireless–06/12
AT86RF233
In this example, a balun (B1) transforms the differential RF signal at the
Atmel AT86RF233 radio transceiver RF pins (RFP/RFN) to a single ended RF signal,
similar to the Basic Application Schematic; refer to Figure 5-1. During receive mode the
radio transceiver searches for the most reliable RF signal path using the Antenna
Diversity algorithm. One antenna is selected (SW2) by the Antenna Diversity RF switch
control pin 9 (DIG1), refer to Section 11.4.
The RX signal is amplified by an optional low-noise amplifier (N2) and fed to the radio
transceiver using the RX/TX switch (SW1). During transmit mode the AT86RF233 TX
signal is amplified using an external PA (N1) and fed to the antennas via an RF switch
(SW2). These switches are controlled by the RX/TX Indicator, represented by the
differential pin pair DIG3/DIG4, refer to Section 11.5.
RX and TX Frame Time stamping is implemented through pin 10 (DIG2), refer to
Section 11.6.
The Security Module (AES), Random Number Generator, High Data Rate Modes,
Frame Buffer Empty Indicator, Dynamic Frame Buffer Protection, Alternate Start-Of-
Frame Delimiter or Reduced Power Consumption Mode (RPC) do not require specific
circuitry to operate, for details refer to Section 11.1, Section 11.2, Section 11.3,
Section 11.7, Section 11.8, Section 11.9 and Section 11.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com