Electronic Components Datasheet Search
  English  ▼

X  

AD626 Datasheet(PDF) 5 Page - Analog Devices

Part # AD626
Description  Low Cost, Single Supply Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626 Datasheet(HTML) 5 Page - Analog Devices

  AD626 Datasheet HTML 1Page - Analog Devices AD626 Datasheet HTML 2Page - Analog Devices AD626 Datasheet HTML 3Page - Analog Devices AD626 Datasheet HTML 4Page - Analog Devices AD626 Datasheet HTML 5Page - Analog Devices AD626 Datasheet HTML 6Page - Analog Devices AD626 Datasheet HTML 7Page - Analog Devices AD626 Datasheet HTML 8Page - Analog Devices AD626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
25
0
5
15
5
2
10
1
20
4
3
SUPPLY VOLTAGE –
Volts
VCM FOR SINGLE
AND DUAL SUPPLIES
VCM FOR DUAL
SUPPLIES ONLY
Figure 1. Input Common-Mode Range vs. Supply
SUPPLY VOLTAGE – Volts
5
0
5
3
1
1
2
0
4
4
3
2
DUAL SUPPLY
ONLY
SINGLE AND
DUAL SUPPLY
TA = +25 C
Figure 2. Positive Output Voltage Swing vs. Supply Voltage
SUPPLY VOLTAGE – Volts
–5
0
5
–3
–1
1
–2
0
–4
4
3
2
DUAL SUPPLY
ONLY
TA = +25 C
Figure 3. Negative Output Voltage Swing vs. Supply
Voltage
6
1
–1
10
100
10k
1k
4
0
2
3
5
LOAD RESISTANCE –
VS = 5V
GAIN = 10, 100
Figure 4. Positive Output Voltage Swing vs. Resistive Load
–6
–1
1
100
1k
100k
10k
–4
0
–2
–3
–5
LOAD RESISTANCE –
GAIN = 10
GAIN = 100
Figure 5. Negative Output Voltage Swing vs. Resistive Load
30
0
0
5
20
10
14
3
2
WARM-UP TIME – Minutes
Figure 6. Change in Input Offset Voltage vs. Warm-Up
Time
Typical Performance Characteristics–AD626
REV. C
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com