Electronic Components Datasheet Search
  English  ▼

X  

AD629 Datasheet(PDF) 11 Page - Analog Devices

Part # AD629
Description  High Common-Mode Voltage Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD629 Datasheet HTML 4Page - Analog Devices AD629 Datasheet HTML 5Page - Analog Devices AD629 Datasheet HTML 6Page - Analog Devices AD629 Datasheet HTML 7Page - Analog Devices AD629 Datasheet HTML 8Page - Analog Devices AD629 Datasheet HTML 9Page - Analog Devices AD629 Datasheet HTML 10Page - Analog Devices AD629 Datasheet HTML 11Page - Analog Devices AD629 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. A
AD629
–11–
Table IV. AD629 vs. INA117 AC Error Budget Example 2 (VCM =
100 V @ 500 Hz)
Error, ppm of FS
Error Source
AD629
INA117
AD629
INA117
ACCURACY, TA = 25
°C
Initial Gain Error
(0.0005
× 10) ÷ 10 V × 106
(0.0005
× 10) ÷ 10 V × 106
500
500
Offset Voltage
(0.001 V
÷ 10 V) × 106
(0.002 V
÷ 10 V) × 106
100
200
Total Accuracy Error:
600
700
TEMPERATURE DRIFT (85
°C)
Gain
10 ppm/
°C × 60°C
10 ppm/
°C × 60°C
600
600
Offset Voltage
(20
µV/°C × 60°C) × 106/10 V
(40
µV/°C × 60°C) × 106/10 V
120
240
Total Drift Error:
720
840
RESOLUTION
Noise, Typ, 0.01–10 Hz,
µV p-p
15
µV ÷ 10 V × 106
25
µV ÷ 10 V × 106
23
CMR @ 60 Hz
(141
× 10–6 × 1 V) ÷ 10 V × 106
(500
× 10–6 × 1 V) ÷ 10 V × 106
14
50
Nonlinearity
(10
–5
× 10 V) ÷ 10 V × 106
(10
–5
× 10 V) ÷ 10 V × 106
10
10
AC CMR @ 500 Hz
(141
× 10–6 × 200 V) ÷ 10 V × 106 (500 × 10–6 × 200 V) ÷ 10 V × 106
2,820
10,000
Total Resolution Error:
2,846
10,063
Total Error:
4,166
11,603
VOUT
REF(–)
–IN
+IN
–VS
NC
+VS
REF(+)
AD629
21.1k
380k
380k
380k
20k
NC = NO CONNECT
8
7
6
5
1
2
3
4
1
SHUNT
10 AMPS
200VCM DC
TO GROUND
OUTPUT
CURRENT
60Hz
POWER LINE
0.1 F
0.1 F
Figure 37. Error Budget Analysis Example 1. VIN = 10 V
Full-Scale, VCM = 200 V DC. RSHUNT = 1
Ω, 1 V p-p 60 Hz
Power-Line Interference
Error Budget Analysis Example 2
This application is similar to the previous example except that
the sensed load current is from an amplifier with an ac common-
mode component of
±100 V (frequency = 500 Hz) present on
the shunt (Figure 38). All other conditions are the same as
before. Note that the same kind of power line interference can
happen as detailed in Example 1. However, the ac common-
mode component of 200 V p-p coming from the shunt is much
larger than the interference of 1 V p-p, so that this interference
component can be neglected.
VOUT
REF(–)
–IN
+IN
–VS
NC
+VS
REF(+)
AD629
21.1k
380k
380k
380k
20k
NC = NO CONNECT
8
7
6
5
1
2
3
4
1
SHUNT
10 AMPS
100V AC CM
TO GROUND
OUTPUT
CURRENT
60Hz
POWER LINE
0.1 F
0.1 F
Figure 38. Error Budget Analysis Example 2. VIN = 10 V
Full-Scale, VCM =
±100 V at 500 Hz, RSHUNT = 1 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com