Electronic Components Datasheet Search
  English  ▼

X  

MJ3000 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJ3000
Description  10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ3000 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ3000 Datasheet HTML 1Page - Motorola, Inc MJ3000 Datasheet HTML 2Page - Motorola, Inc MJ3000 Datasheet HTML 3Page - Motorola, Inc MJ3000 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Medium-Power Complementary
Silicon Transistors
. . . for use as output devices in complementary general purpose amplifier applica-
tions.
• High DC Current Gain — hFE = 4000 (Typ) @ IC = 5.0 Adc
• Monolithic Construction with Built–in Base–Emitter Shunt Resistors
MAXIMUM RATINGS
Rating
Symbol
MJ2500
MJ3000
MJ2501
MJ3001
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
10
Adc
Base Current
IB
0.2
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
_C
PD
150
0.857
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
1.17
_C/W
Figure 1. Darlington Circuit Schematic
NPN
MJ3000
MJ3001
BASE
COLLECTOR
EMITTER
[ 2.0 k
[ 50
PNP
MJ2500
MJ2501
BASE
COLLECTOR
EMITTER
[ 2.0 k
[ 50
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ2500/D
MJ2955 (See 2N3055)
MJ2955A
(See 2N3055A)
© Motorola, Inc. 1995
*
*Motorola Preferred Device
PNP
CASE 1–07
TO–204AA
(TO–3)
10 AMPERE
DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY
SILICON
60 – 80 VOLTS
150 WATTS
MJ2500
MJ2501
MJ3000
MJ3001
NPN
*
REV 7


Similar Part No. - MJ3000

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MJ3000 CENTRAL-MJ3000 Datasheet
54Kb / 1P
Power Transistors
logo
Savantic, Inc.
MJ3000 SAVANTIC-MJ3000 Datasheet
118Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
MJ3000 COMSET-MJ3000 Datasheet
174Kb / 3P
COMPLEMENTARY POWER DARLINGTONS
logo
Seme LAB
MJ3000 SEME-LAB-MJ3000 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
MJ3000 ISC-MJ3000 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJ3000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com