Electronic Components Datasheet Search
  English  ▼

X  

MJ3000 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJ3000
Description  10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ3000 Datasheet(HTML) 2 Page - Motorola, Inc

  MJ3000 Datasheet HTML 1Page - Motorola, Inc MJ3000 Datasheet HTML 2Page - Motorola, Inc MJ3000 Datasheet HTML 3Page - Motorola, Inc MJ3000 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ2500 MJ2501 MJ3000 MJ3001
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Breakdown Voltage(1)
MJ2500, MJ3000
(IC = 100 mAdc, IB = 0)
MJ2501, MJ3001
V(BR)CEO
60
80
—
—
Vdc
Collector–Emitter Leakage Current
(VEB = 60 Vdc, RBE = 1.0 k ohm)
MJ2500, MJ3000
(VEB = 80 Vdc, RBE = 1.0 k ohm)
MJ2501, MJ3001
(VEB = 60 Vdc, RBE = 1.0 k ohm, TC = 150_C)
MJ2500, MJ3000
(VEB = 80 Vdc, RBE = 1.0 k ohm, TC = 150_C)
MJ2501, MJ3001
ICER
—
—
—
—
1.0
1.0
5.0
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
2.0
mAdc
Collector Emitter Leakage Current (VCE = 30 Vdc, IB = 0)
MJ2500, MJ3000
(VCE = 40 Vdc, IB = 0)
MJ2501, MJ3001
ICEO
—
—
1.0
1.0
mAdc
ON CHARACTERISTICS(1)
DC Current Gain (IC = 5.0 Adc, VCE = 3.0 Vdc)
hFE
1000
—
—
Collector–Emitter Saturation Voltage (IC = 5.0 Adc, IB = 20 mAdc)
(IC = 10 Adc, IB = 50 mAdc)
VCE(sat)
—
—
2.0
4.0
Vdc
Base Emitter Voltage (IC = 5.0 Adc, VCE = 3.0 Vdc)
VBE(on)
—
3.0
Vdc
(1)Pulse Test: Pulse Width v 300 µs, Duty Cycle v 2.0%.
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.01 0.02
0.05
0.1
0.2
0.5
1.0
2.0
10
TJ = 150°C
25
°C
– 55
°C
VCE = 3.0 Vdc
500
200
100
50,000
5000
20,000
2000
1000
10,000
5.0
Figure 3. Small–Signal Current Gain
f, FREQUENCY (Hz)
500
300
100
3000
200
2000
1000
30
50
TC = 25°C
VCE = 3.0 Vdc
IC = 5.0 Adc
104
103
105
106
50
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 4. “On” Voltages
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 3.0 V
0.01
0.2
0.5
0.05
1.0
2.0
10
5.0
3.5
2.5
2.0
1.5
1.0
0
SECONDARY BREAKDOWN LIMITED
THERMALLY LIMITED @ TC = 25°C
BONDING WIRE LIMITED
10
1.0
Figure 5. DC Safe Operating Area
7.0
2.0
10
20
100
TJ = 200°C
0.2
3.0
0.5
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
30
70
1.0
0.1
2.0
50
3.0
5.0 7.0
MJ2500, MJ3000
MJ2501, MJ3001
0.5
3.0
0.1
0.02
0.7
0.3
There are two limitations on the power handling ability of a
transistor: junction temperature and secondary breakdown.
Safe operating area curves indicate IC – VCE limits of the
transistor that must be observed for reliable operation; e.g.,
the transistor must not be subjected to greater dissipation
than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by secondary breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com