Electronic Components Datasheet Search
  English  ▼

X  

AD883B Datasheet(PDF) 5 Page - Analog Devices

Part # AD883B
Description  Low Cost, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 5 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD620
REV. E
–5–
Typical Characteristics (@ +25 C, V
S =
15 V, RL = 2 k , unless otherwise noted)
INPUT OFFSET VOLTAGE –
V
20
30
40
50
–40
0
+40
+80
–80
SAMPLE SIZE = 360
10
0
Figure 3. Typical Distribution of Input Offset Voltage
INPUT BIAS CURRENT – pA
0
10
20
30
40
50
–600
0
+600
–1200
+1200
SAMPLE SIZE = 850
Figure 4. Typical Distribution of Input Bias Current
10
20
30
40
50
–200
0
+200
+400
INPUT OFFSET CURRENT – pA
–400
0
SAMPLE SIZE = 850
Figure 5. Typical Distribution of Input Offset Current
TEMPERATURE – C
+IB
–IB
2.0
–2.0
175
–1.0
–1.5
–75
–0.5
0
0.5
1.0
1.5
125
75
25
–25
Figure 6. Input Bias Current vs. Temperature
1.5
0.5
WARM-UP TIME – Minutes
2
0
05
1
1
4
3
2
Figure 7. Change in Input Offset Voltage vs.
Warm-Up Time
FREQUENCY – Hz
1000
1
1
100k
100
10
10k
1k
100
GAIN = 1
GAIN = 10
10
GAIN = 100, 1,000
GAIN = 1000
BW LIMIT
Figure 8. Voltage Noise Spectral Density vs. Frequency,
(G = 1–1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com